Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT899QC Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74ACT899QC
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT899QC Datasheet(HTML) 8 Page - Fairchild Semiconductor

  74ACT899QC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT899QC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT899QC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT899QC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT899QC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT899QC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT899QC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT899QC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT899QC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.fairchildsemi.com
8
AC Electrical Characteristics
Note 5: Voltage Range 5.0 is 5.0V
± 0.5V.
AC Operating Requirements
Note 6: Voltage Range 5.0
= 5.0V ± 0.5V.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
Fig. No.
(Note 5)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.5
7.5
11.5
2.5
12.0
ns
Figure 1
tPHL
An, Bn to Bn, An
tPLH
Propagation Delay
5.0
1.5
6.0
8.5
1.5
9.0
ns
Figure 1
tPHL
APAR, BPAR to BPAR, APAR
tPLH
Propagation Delay
5.0
2.5
8.5
12.0
2.5
12.5
ns
Figure 2
tPHL
An, Bn to BPAR, APAR
tPLH
Propagation Delay
5.0
2.0
8.0
11.5
2.0
12.0
ns
Figure 3
tPHL
An, Bn to ERRA, ERRB
tPLH
Propagation Delay
5.0
2.0
8.0
11.5
2.0
12.0
ns
Figure 4
tPHL
ODD/EVEN to ERRA, ERRB
tPLH
Propagation Delay
5.0
2.5
8.0
11.5
2.5
12.0
ns
Figure 5
tPHL
ODD/EVEN to APAR, BPAR
tPLH
Propagation Delay
5.0
1.5
7.5
10.5
1.5
11.5
ns
Figure 6
tPHL
APAR, BPAR to ERRA, ERRB
tPLH
Propagation Delay
5.0
1.5
6.5
9.0
1.5
9.5
ns
Figure 9
tPHL
SEL to APAR, BPAR
tPLH
Propagation Delay
5.0
2.5
7.0
10.5
2.5
11.0
ns
Figure 10
tPHL
LEB to An, Bn
Figure 11
tPLH
Propagation Delay
5.0
2.0
8.0
11.5
2.0
12.0
ns
Figure 10
tPHL
LEA to APAR, BPAR
Figure 11
tPLH
Propagation Delay
5.0
2.5
8.0
11.5
2.5
12.0
ns
Figure 12
tPHL
LEA, LEB to ERRA, ERRB
tPZH
Output Enable Time
5.0
2.5
7.0
10.5
2.5
11.0
ns
Figure 7
tPZL
GBA or GAB to An, Bn
Figure 8
tPZH
Output Enable Time
5.0
1.5
6.0
9.0
1.5
9.5
ns
Figure 7
tPZL
GBA or GAB to BPAR or APAR
Figure 8
tPHZ
Output Disable Time
5.0
1.5
6.5
9.5
1.5
9.5
ns
Figure 7
tPHL
GBA or GAB to An, Bn
Figure 8
tPHZ
Output Disable Time
5.0
1.5
6.5
9.5
1.5
9.5
ns
Figure 7
tPLZ
GBA or GAB to BPAR, APAR
Figure 8
VCC
TA = +25°C
TA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
Fig. No.
(Note 6)
Guaranteed Minimum
t S
Setup Time, HIGH or LOW
5.0
3.0
3.0
ns
Figure 11
An, Bn, PAR to LEA, LEB
Figure 12
t H
Hold Time, HIGH or LOW
5.0
1.5
1.5
ns
Figure 11
An, Bn, PAR to LEA, LEB
Figure 12
tW
Pulse Width for LEB, LEA
5.0
4.0
4.0
ns
Figure 13
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
210
pF
VCC = 5.0V


Similar Part No. - 74ACT899QC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ACT899QCQB NSC-74ACT899QCQB Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899QCX NSC-74ACT899QCX Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
More results

Similar Description - 74ACT899QC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com