Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD4C60 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD4C60
Description  600V, 4A- N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD4C60 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD4C60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD4C60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD4C60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD4C60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD4C60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD4C60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOD4C60
600V,4A N-Channel MOSFET
General Description
Product Summary
VDS @ Tj,max
700
IDM
27A
RDS(ON),max
< 0.95
Qg,typ
14nC
Eoss @ 400V
2.7
µC
100% UIS Tested!
100% Rg Tested!
Symbol
VDS
VGS
IDM
IAR
EAR
EAS
MOSFET dv/dt ruggedness
Peak diode recovery dv/dt
TJ, TSTG
TL
Symbol
RθJA
RθCS
RθJC
Maximum Case-to-sink
A
Maximum Junction-to-Case
D,F
°C/W
°C/W
0.7
0.5
1
Derate above 25
oC
125
1
8.5
Single pulsed avalanche energy
H
326
PD
dv/dt
100
600
Avalanche Current
C
36
Repetitive avalanche energy
C
Pulsed Drain Current
C
Continuous Drain
Current
B
The AOD4C60 is fabricated using an advanced high
voltage MOSFET process that is designed to deliver high
levels of performance and robustness in popular AC-DC
applications. By providing low RDS(on), Ciss and Crss along
with guaranteed avalanche capability this part can be
adopted quickly into new and existing offline power supply
designs.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
Maximum
Drain-Source Voltage
V
±30
Gate-Source Voltage
TC=100°C
A
ID
TC=25°C
4
3.5
27
Typical
W
W/
oC
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
300
°C
Junction and Storage Temperature Range
-50 to 150
°C
Power Dissipation
B
Maximum Junction-to-Ambient
A,G
TC=25°C
-
55
Maximum
Thermal Characteristics
Units
°C/W
45
Parameter
V/ns
20
mJ
A
mJ
G
D
S
G
S
D
G
S
D
Top View
TO252
DPAK
Bottom View
AOD4C60
Rev.1.0 April 2013
www.aosmd.com
Page 1 of 6


Similar Part No. - AOD4C60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD4C60 ISC-AOD4C60 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD4C60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
   600V,4A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
   600V 4A N-Channel MOSFET
Revision:20170701-P1
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
   600V, 4A N-Channel MOSFET
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
   600V,4A N-Channel MOSFET
AOWF4N60 AOSMD-AOWF4N60 Datasheet
307Kb / 5P
   600V,4A N-Channel MOSFET
AOD4T60P AOSMD-AOD4T60P Datasheet
494Kb / 6P
   600V,4A N-Channel MOSFET
logo
Unisonic Technologies
4N60K UTC-4N60K Datasheet
367Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
   600V, 4A, N-Channel Power MOSFET
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com