Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRXHR162245K1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHRXHR162245K1
Description  Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRXHR162245K1 Datasheet(HTML) 1 Page - STMicroelectronics

  RHRXHR162245K1 Datasheet HTML 1Page - STMicroelectronics RHRXHR162245K1 Datasheet HTML 2Page - STMicroelectronics RHRXHR162245K1 Datasheet HTML 3Page - STMicroelectronics RHRXHR162245K1 Datasheet HTML 4Page - STMicroelectronics RHRXHR162245K1 Datasheet HTML 5Page - STMicroelectronics RHRXHR162245K1 Datasheet HTML 6Page - STMicroelectronics RHRXHR162245K1 Datasheet HTML 7Page - STMicroelectronics RHRXHR162245K1 Datasheet HTML 8Page - STMicroelectronics RHRXHR162245K1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
August 2011
Doc ID 10651 Rev 8
1/18
18
54VCXHR162245
Rad hard low voltage CMOS 16-bit bus buffer transceiver
(3-state) with 3.6 V tolerant inputs and outputs
Features
1.65 to 3.6 V inputs and outputs
High speed in both A, B outputs:
–tPD = 3.4 ns at VCC = 3.0 to 3.6 V
–tPD = 4.3 ns at VCC = 2.3 to 2.7 V
Symmetrical impedance outputs:
–|IOH| = IOL = 12 mA (Min.) at VCC = 3.0 V
–|IOH| = IOL = 8 mA (Min.) at VCC = 2.3 V
Power down protection on inputs and outputs
26 Ω serie resistors in bith A and B port outputs
Operating voltage range:
–VCC(Opr) = 1.65 V to 3.6 V
Pin and function compatible with 54 series
HR162245
Bus hold provided on both sides
Cold spare function
Latch-up performance exceeds
300 mA (JESD 17)
ESD performance:
– HBM > 2000 V
(MIL STD 883 method 3015); MM > 200 V
300 krad Mil1019.6 condition A, (RHA QML
qualification extension undergone)
No SEL, no SEU and no SET under 110
Mev/cm2/mg LET heavy ions irradiation
QML qualified product
Device fully compliant with
DSCC SMD 5962-05213
100 mV typical input hysteresis
Description
The 54VCXHR162245 is a low voltage CMOS 16
bit bus transceiver (3-state) fabricated with sub-
micron silicon gate and five-layer metal wiring
C²MOS technology. It is ideal for low power and
very high speed 1.65 to 3.6 V applications; it can
be interfaced to 3.6 V signal environment for both
inputs and outputs. This IC is intended for two-
way asynchronous communication between data
buses; the direction of data transmission is
determined by DIR input. The two enable inputs
nG can be used to disable the device so that the
buses are effectively isolated. The device circuits
is including 26
Ω series resistance in the A and B
port outputs. These resistors permit to reduce line
noise in high speed applications. Bus hold on
data inputs is provided in order to eliminate the
need for external pull-up or pull-down resistor. All
inputs and outputs are equipped with protection
circuits against static discharge, giving them 2 kV
ESD immunity and transient excess voltage. All
floating bus terminals during high Z State must be
held HIGH or LOW.
Flat-48
The upper metallic lid is not electrically connected to any
pins, nor to the IC die inside the package.
www.st.com


Similar Part No. - RHRXHR162245K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHRXHR162245K-01Q STMICROELECTRONICS-RHRXHR162245K-01Q Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
RHRXHR162245K-01V STMICROELECTRONICS-RHRXHR162245K-01V Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
RHRXHR162245K-02Q STMICROELECTRONICS-RHRXHR162245K-02Q Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
RHRXHR162245K-02V STMICROELECTRONICS-RHRXHR162245K-02V Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
More results

Similar Description - RHRXHR162245K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54VCXH162245 STMICROELECTRONICS-54VCXH162245_11 Datasheet
485Kb / 19P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_07 Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXH162245 STMICROELECTRONICS-54VCXH162245 Datasheet
505Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXH162373 STMICROELECTRONICS-54VCXH162373_11 Datasheet
506Kb / 18P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
   Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
   Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com