Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0520CDMCBDS-4R7MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # 0520CDMCBDS-4R7MC
Description  Magnetically shielded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0520CDMCBDS-4R7MC Datasheet(HTML) 1 Page - Sumida Corporation

  0520CDMCBDS-4R7MC Datasheet HTML 1Page - Sumida Corporation 0520CDMCBDS-4R7MC Datasheet HTML 2Page - Sumida Corporation 0520CDMCBDS-4R7MC Datasheet HTML 3Page - Sumida Corporation 0520CDMCBDS-4R7MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
Revised: 7-Jan-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
0520CDMCB/DS
Description
• Magnetically shielded.
• L
×W×H: 5.75×5.45×2.0 mm Max.
• Product weight: 0.26g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
Applications
• Ideally used in notebook, ultrabook, tablet PC,
LCD display, SSD and other low profile high
current application.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Halogen
Free
5.
0.
25
5.5±0.25
2.0 Max.
2.
0.
25
1.0±0.3
1.0±0.3
3.50
2.2
2.
7
1.9
6.0


Similar Part No. - 0520CDMCBDS-4R7MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0520CDMC SUMIDA-0520CDMC Datasheet
139Kb / 4P
   Magnetically shielded
More results

Similar Description - 0520CDMCBDS-4R7MC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MDT2520ACN TOKO-MDT2520ACN Datasheet
128Kb / 1P
   Magnetically shielded
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
   Magnetically shielded
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
   Magnetically shielded
MBH7045C TOKO-MBH7045C Datasheet
297Kb / 2P
   Magnetically shielded
logo
Sumida Corporation
0415CDMC SUMIDA-0415CDMC Datasheet
116Kb / 2P
   Magnetically shielded.
0412CDMC SUMIDA-0412CDMC Datasheet
126Kb / 3P
   Magnetically shielded.
0415CDMCBDS SUMIDA-0415CDMCBDS Datasheet
130Kb / 3P
   Magnetically shielded
0420CDMCB SUMIDA-0420CDMCB Datasheet
171Kb / 3P
   Magnetically shielded.
0520CDMC SUMIDA-0520CDMC Datasheet
139Kb / 4P
   Magnetically shielded
logo
TOKO, Inc
MDT1608-CH TOKO-MDT1608-CH Datasheet
215Kb / 1P
   Magnetically shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com