Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD1CAN-U Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD1CAN-U
Description  CAN bus ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD1CAN-U Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD1CAN-U Datasheet HTML 1Page - NXP Semiconductors PESD1CAN-U Datasheet HTML 2Page - NXP Semiconductors PESD1CAN-U Datasheet HTML 3Page - NXP Semiconductors PESD1CAN-U Datasheet HTML 4Page - NXP Semiconductors PESD1CAN-U Datasheet HTML 5Page - NXP Semiconductors PESD1CAN-U Datasheet HTML 6Page - NXP Semiconductors PESD1CAN-U Datasheet HTML 7Page - NXP Semiconductors PESD1CAN-U Datasheet HTML 8Page - NXP Semiconductors PESD1CAN-U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
ElectroStatic Discharge (ESD) protection diode in a very small SOT323 (SC-70 )
Surface-Mounted Device (SMD) plastic package designed to protect two automotive
Controller Area Network (CAN) bus lines from the damage caused by ESD and other
transients.
1.2 Features and benefits
One very small SOT323 package to protect two CAN bus lines
Low clamping voltage VCL =35V at IPP =1A
Typical diode capacitance matching
C
d/Cd =0.1 %
ESD protection up to 23 kV; IEC 61000-4-2, level 4
IEC 61000-4-5 (surge); IPPM =3A at tp =8/20 s
AEC-Q101 qualified
1.3 Applications
CAN bus protection
Automotive applications
1.4 Quick reference data
2.
Pinning information
PESD1CAN-U
CAN bus ESD protection diode
Rev. 1 — 27 March 2013
Product data sheet
Table 1.
Quick reference data
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
-
-
24
V
Cd
diode capacitance
f = 1 MHz; VR =0V
-
9.3
12
pF
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode 1
2
cathode 2
3
common cathode
12
3
2
1
006aaa155
3


Similar Part No. - PESD1CAN-U

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESD1CAN-U LEIDITECH-PESD1CAN-U Datasheet
421Kb / 3P
   Ultra low leakage: nA level
logo
Nexperia B.V. All right...
PESD1CAN-U NEXPERIA-PESD1CAN-U Datasheet
968Kb / 12P
   CAN bus ESD protection diode
Rev. 1 - 27 March 2013
More results

Similar Description - PESD1CAN-U

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
   Can bus ESD Protection Diode
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
   Can bus Esd Protection Diode
logo
Diodes Incorporated
DESD1CAN2SOQ DIODES-DESD1CAN2SOQ Datasheet
279Kb / 5P
   CAN BUS ESD PROTECTION DIODE
logo
Protek Devices
PESD2402 PROTEC-PESD2402 Datasheet
356Kb / 6P
   CAN BUS ESD PROTECTION DIODE
logo
NXP Semiconductors
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
   CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
TECH PUBLIC Electronics...
TPESD1CAN TECHPUBLIC-TPESD1CAN Datasheet
1Mb / 4P
   Can bus Esd Protection Diode
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
   CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
   Can bus ESD Protection Diode
logo
Diodes Incorporated
DESD2CAN2SOQ DIODES-DESD2CAN2SOQ Datasheet
440Kb / 4P
   CAN BUS ESD PROTECTION DIODE
DESD2IVN27V3WQ DIODES-DESD2IVN27V3WQ Datasheet
604Kb / 5P
   CAN BUS ESD PROTECTION DIODE
March 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
   CAN bus ESD protection diode
Rev. 04 - 15 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com