Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBDAWT-00-0000-000000G51 Datasheet(PDF) 8 Page - Cree, Inc

Part # XBDAWT-00-0000-000000G51
Description  XLAMP XB-D WHITE LEDS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBDAWT-00-0000-000000G51 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XBDAWT-00-0000-000000G51 Datasheet HTML 4Page - Cree, Inc XBDAWT-00-0000-000000G51 Datasheet HTML 5Page - Cree, Inc XBDAWT-00-0000-000000G51 Datasheet HTML 6Page - Cree, Inc XBDAWT-00-0000-000000G51 Datasheet HTML 7Page - Cree, Inc XBDAWT-00-0000-000000G51 Datasheet HTML 8Page - Cree, Inc XBDAWT-00-0000-000000G51 Datasheet HTML 9Page - Cree, Inc XBDAWT-00-0000-000000G51 Datasheet HTML 10Page - Cree, Inc XBDAWT-00-0000-000000G51 Datasheet HTML 11Page - Cree, Inc XBDAWT-00-0000-000000G51 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
8
xlamp xB-D white leDs
8
refloW solderiNG characteristics
Intesting,CreehasfoundXLampXB-DLEDstobecompatiblewithJEDECJ-STD-020C,usingtheparameterslisted
below.Asageneralguideline,Creerecommendsthatusersfollowtherecommendedsolderingprofileprovidedbythe
manufacturer of solder paste used.
NotethatthisgeneralguidelinemaynotapplytoallPCBdesignsandconfigurationsofreflowsolderingequipment.
Profile Feature
lead-Based solder
lead-free solder
Average Ramp-Up Rate (Ts
max to Tp)
3 °C/second max.
3 °C/second max.
Preheat: Temperature min (Ts
min)
100 °C
150 °C
Preheat: Temperature max (Ts
max)
150 °C
200 °C
Preheat: Time (ts
min to tsmax)
60-120 seconds
60-180 seconds
Time maintained Above: Temperature (T
L)
183 °C
217 °C
Time maintained Above: Time (t
L)
60-150 seconds
60-150 seconds
Peak/ClassificationTemperature(Tp)
215 °C
260 °C
Time Within 5 °C of Actual Peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6 °C/second max.
6 °C/second max.
Time 25 °C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
T
P
T
L
Time
t 25˚C to Peak
Preheat
ts
t
S
t
P
25
Ramp-down
Ramp-up
Critical Zone
T
L to TP
Ts
max
Ts
min


Similar Part No. - XBDAWT-00-0000-000000G51

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
logo
Cree LED
XBDAWT-00-0000-000000G51 CREELED-XBDAWT-00-0000-000000G51 Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
More results

Similar Description - XBDAWT-00-0000-000000G51

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XB-D CREE-XB-D Datasheet
1Mb / 19P
   XLamp XB-D LEDs
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-H CREE-XB-H Datasheet
1Mb / 13P
   XLamp XB-H LEDs
CLD-DS45 CREE-CLD-DS45 Datasheet
1,020Kb / 12P
   Cree짰 XLamp짰 XB-D White LEDs
CLD-AP91 CREE-CLD-AP91 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XB-D White LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com