Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB2440100L Datasheet(PDF) 4 Page - Panasonic Battery Group

Part # DB2440100L
Description  Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DB2440100L Datasheet(HTML) 4 Page - Panasonic Battery Group

  DB2440100L Datasheet HTML 1Page - Panasonic Battery Group DB2440100L Datasheet HTML 2Page - Panasonic Battery Group DB2440100L Datasheet HTML 3Page - Panasonic Battery Group DB2440100L Datasheet HTML 4Page - Panasonic Battery Group DB2440100L Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product Standards
Schottky Barrier Diode
DB2440100L
Unit: mm
Page
TMiniP2-F2-B
4
4of
Land Pattern (Reference) (Unit: mm)
0.15±0.05
2.4±0.1
1.75±0.10
(5°)
1
2
2.1
Doc No. TT4-EA-14120
Revision. 2
Established : 2012-03-02
Revised
: 2013-04-19


Similar Part No. - DB2440100L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
DB2440200L PANASONICBATTERY-DB2440200L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
logo
Panasonic Semiconductor
DB24404 PANASONIC-DB24404 Datasheet
482Kb / 3P
   Silicon epitaxial planar type For rectification
logo
Panasonic Battery Group
DB2440500L PANASONICBATTERY-DB2440500L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
More results

Similar Description - DB2440100L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
DB2440200L PANASONICBATTERY-DB2440200L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
logo
Panasonic Semiconductor
DB2460100L PANASONIC-DB2460100L Datasheet
330Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2460200L PANASONIC-DB2460200L Datasheet
324Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
logo
Panasonic Battery Group
DB2130200L PANASONICBATTERY-DB2130200L Datasheet
322Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2230400L PANASONICBATTERY-DB2230400L Datasheet
322Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2430500L PANASONICBATTERY-DB2430500L Datasheet
321Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2141200L PANASONICBATTERY-DB2141200L Datasheet
320Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2440500L PANASONICBATTERY-DB2440500L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2130300L PANASONICBATTERY-DB2130300L Datasheet
321Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2430100L PANASONICBATTERY-DB2430100L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2431200L PANASONICBATTERY-DB2431200L Datasheet
317Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com