Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ16245SSC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ16245SSC
Description  16-Bit Transceiver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16245SSC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ16245SSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16245SSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16245SSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16245SSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16245SSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16245SSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16245SSC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010926
www.fairchildsemi.com
May 1991
Revised November 1999
74ACTQ16245
16-Bit Transceiver with 3-STATE Outputs
General Description
The ACTQ16245 contains sixteen non-inverting bidirec-
tional buffers with 3-STATE outputs and is intended for bus
oriented applications. The device is byte controlled. Each
has separate control inputs which can be shorted together
for full 16-bit operation. The T/R inputs determine the direc-
tion of data flow through the device. The OE inputs disable
both the A and B ports by placing them in a high imped-
ance state.
The ACTQ16245 utilizes Fairchild Quiet Series
 technol-
ogy to guarantee quiet output switching and improved
dynamic threshold performance. FACT Quiet Series
 fea-
tures GTO
 output control for superior performance.
Features
s Utilizes Fairchild FACT Quiet Series technology
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin output skew
s Bidirectional non-inverting buffers
s Separate control logic for each byte
s 16-bit version of the ACTQ245
s Outputs source/sink 24 mA
s Additional specs for multiple output switching
s Output loading specs for both 50 pF and 250 pF loads
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Description
Connection Diagram
FACT
, FACT Quiet Series and GTO are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ16245SSC
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300” Wide
74ACTQ16245MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OEn
Output Enable Input (Active LOW)
T/R
Transmit/Receive Input
A0–A15
Side A Inputs/Outputs
B0–B15
Side B Outputs/Inputs


Similar Part No. - 74ACTQ16245SSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16245SSC FAIRCHILD-74ACTQ16245SSC Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
More results

Similar Description - 74ACTQ16245SSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com