Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ16373 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74ACTQ16373
Description  16-Bit Transparent Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16373 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ACTQ16373 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16373 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16373 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16373 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16373 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16373 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16373 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ16373 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Functional Description
The ACTQ16373 contains sixteen D-type latches with 3-
STATE standard outputs. The device is byte controlled with
each byte functioning identically, but independent of the
other. Control pins can be shorted together to obtain full
16-bit operation. The following description applies to each
byte. When the Latch Enable (LEn) input is HIGH, data on
the Dn enters the latches. In this condition the latches are
transparent, i.e., a latch output will change states each time
its D input changes. When LEn is LOW, the latches store
information that was present on the D inputs a setup time
preceding the HIGH-to-LOW transition of LEn. The 3-
STATE standard outputs are controlled by the Output
Enable (OEn) input. When OEn is LOW, the standard out-
puts are in the 2-state mode. When OEn is HIGH, the stan-
dard outputs are in the high impedance mode but this does
not interfere with entering new data into the latches.
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Previous
= previous output prior to HIGH-to-LOW transition of LE
Logic Diagrams
Inputs
Outputs
LE1
OE1
I0–I7
O0–O7
X
H
X
Z
H
L
L
L
H
L
H
H
L
L
X
(Previous)
Inputs
Outputs
LE2
OE2
I8–I15
O8–O15
X
H
X
Z
H
L
L
L
H
L
H
H
L
L
X
(Previous)


Similar Part No. - 74ACTQ16373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16373 FAIRCHILD-74ACTQ16373 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACTQ16373MTD FAIRCHILD-74ACTQ16373MTD Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACTQ16373SSC FAIRCHILD-74ACTQ16373SSC Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACTQ16373 FAIRCHILD-74ACTQ16373_05 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
More results

Similar Description - 74ACTQ16373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16373 FAIRCHILD-74ACTQ16373_05 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACT16373 FAIRCHILD-74ACT16373 Datasheet
88Kb / 6P
   16-Bit Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com