Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC7SET14 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # XC7SET14
Description  High-speed Si-gate CMOS device, an inverting buffer function with Schmitt trigger action
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SET14 Datasheet(HTML) 3 Page - NXP Semiconductors

  XC7SET14 Datasheet HTML 1Page - NXP Semiconductors XC7SET14 Datasheet HTML 2Page - NXP Semiconductors XC7SET14 Datasheet HTML 3Page - NXP Semiconductors XC7SET14 Datasheet HTML 4Page - NXP Semiconductors XC7SET14 Datasheet HTML 5Page - NXP Semiconductors XC7SET14 Datasheet HTML 6Page - NXP Semiconductors XC7SET14 Datasheet HTML 7Page - NXP Semiconductors XC7SET14 Datasheet HTML 8Page - NXP Semiconductors XC7SET14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
XC7SET14_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 31 August 2009
3 of 14
NXP Semiconductors
XC7SET14
Inverting Schmitt trigger
8.
Functional description
9.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For both TSSOP5 and SC-74A packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
10. Recommended operating conditions
Table 4.
Function table
H = HIGH voltage level; L = LOW voltage level
Input
Output
A
Y
LH
HL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < VO <VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C


Similar Part No. - XC7SET14

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
XC7SET14GV NEXPERIA-XC7SET14GV Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
XC7SET14GW NEXPERIA-XC7SET14GW Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
More results

Similar Description - XC7SET14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SH14 PHILIPS-XC7SH14 Datasheet
95Kb / 14P
   High-speed Si-gate CMOS device, inverting buffer function with Schmitt trigger action
Rev. 01-1 September 2009
XC7WH14 PHILIPS-XC7WH14 Datasheet
139Kb / 18P
   High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
Rev. 4-3 November 2011
XC7WT14 PHILIPS-XC7WT14 Datasheet
132Kb / 18P
   High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
Rev. 2-3 November 2011
XC7SH04 PHILIPS-XC7SH04 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, inverting buffer
Rev. 01-1 September 2009
XC7SHU04 PHILIPS-XC7SHU04 Datasheet
96Kb / 14P
   High-speed Si-gate CMOS device, inverting single stage function
Rev. 01-7 September 2009
XC7SET04 PHILIPS-XC7SET04 Datasheet
73Kb / 11P
   High-speed Si-gate CMOS devices, Inverting buffer
Rev. 01-1 September 2009
logo
Nexperia B.V. All right...
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
   The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14_05 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com