Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC7SET14GW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # XC7SET14GW
Description  High-speed Si-gate CMOS device, an inverting buffer function with Schmitt trigger action
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SET14GW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button XC7SET14GW Datasheet HTML 6Page - NXP Semiconductors XC7SET14GW Datasheet HTML 7Page - NXP Semiconductors XC7SET14GW Datasheet HTML 8Page - NXP Semiconductors XC7SET14GW Datasheet HTML 9Page - NXP Semiconductors XC7SET14GW Datasheet HTML 10Page - NXP Semiconductors XC7SET14GW Datasheet HTML 11Page - NXP Semiconductors XC7SET14GW Datasheet HTML 12Page - NXP Semiconductors XC7SET14GW Datasheet HTML 13Page - NXP Semiconductors XC7SET14GW Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
XC7SET14_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 31 August 2009
10 of 14
NXP Semiconductors
XC7SET14
Inverting Schmitt trigger
15. Package outline
Fig 13. Package outline SOT353-1 (TSSOP5)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
0
1.0
0.8
0.30
0.15
0.25
0.08
2.25
1.85
1.35
1.15
0.65
e1
1.3
2.25
2.0
0.60
0.15
7
°
0
°
0.1
0.1
0.3
0.425
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.46
0.21
SOT353-1
MO-203
SC-88A
00-09-01
03-02-19
w M
bp
D
Z
e
e1
0.15
13
5
4
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
1.5
3 mm
0
scale
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm
SOT353-1
1.1


Similar Part No. - XC7SET14GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XC7SET14GW NEXPERIA-XC7SET14GW Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
More results

Similar Description - XC7SET14GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SH14 PHILIPS-XC7SH14 Datasheet
95Kb / 14P
   High-speed Si-gate CMOS device, inverting buffer function with Schmitt trigger action
Rev. 01-1 September 2009
XC7WH14 PHILIPS-XC7WH14 Datasheet
139Kb / 18P
   High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
Rev. 4-3 November 2011
XC7WT14 PHILIPS-XC7WT14 Datasheet
132Kb / 18P
   High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
Rev. 2-3 November 2011
XC7SH04 PHILIPS-XC7SH04 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, inverting buffer
Rev. 01-1 September 2009
XC7SHU04 PHILIPS-XC7SHU04 Datasheet
96Kb / 14P
   High-speed Si-gate CMOS device, inverting single stage function
Rev. 01-7 September 2009
XC7SET04 PHILIPS-XC7SET04 Datasheet
73Kb / 11P
   High-speed Si-gate CMOS devices, Inverting buffer
Rev. 01-1 September 2009
logo
Nexperia B.V. All right...
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
   The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14_05 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com