Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC148 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC148
Description  Rad-hard high speed 2 to 6 V CMOS logic series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC148 Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC148 Datasheet HTML 1Page - STMicroelectronics M54HC148 Datasheet HTML 2Page - STMicroelectronics M54HC148 Datasheet HTML 3Page - STMicroelectronics M54HC148 Datasheet HTML 4Page - STMicroelectronics M54HC148 Datasheet HTML 5Page - STMicroelectronics M54HC148 Datasheet HTML 6Page - STMicroelectronics M54HC148 Datasheet HTML 7Page - STMicroelectronics M54HC148 Datasheet HTML 8Page - STMicroelectronics M54HC148 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
M54HC30
Rad-hard 8-input NAND gate
50 krad
(Si)
ESCC
-
9201/110
Flat-14 -
DIL-14
2.0
6.0
0 to
Vcc
-55 °C
to 125 °C
M54HC32
Rad-hard quad 2-input OR gate
Y
9201/111
Flat-14 -
DIL-14
2.0
6.0
M54HC73
Rad-hard dual J-K flip-flop with clear
-
9203/071
Flat-14 -
DIL-14
2.0
6.0
Negative-
edge
M54HC74
Rad-hard dual D-Type Flip-Flop with
preset & clear
Y
9203/050
Flat-14 -
DIL-14
2.0
6.0
Positive-
edge
M54HCT74
Rad-hard dual D-Type Flip-Flop with
preset & clear
Y
9203/070
Flat-14 -
DIL-14
4.5
5.5
Positive-
edge
TTL
compatible
M54HC75
Rad-hard 4-bit D-type latch
-
9203/065
Flat-16 -
DIL-16
2.0
6.0
M54HC85
Rad-hard 4-bit magnitude
comparator
Y
9209/004
Flat-16 -
DIL-16
2.0
6.0
M54HC86
Rad-hard quad exclusive OR gate
Y
9201/119
Flat-14 -
DIL-14
2.0
6.0
Pinout 1
M54HC109
Rad-hard dual J-K Flip-Flop with
preset & clear
Y
9306/048
Flat-16 -
DIL-16
2.0
6.0
Positive-
edge
M54HC123
Rad-hard dual retrigg. monostable
multivibrator with clear
-
9207/006
Flat-16 -
DIL-16
2.0
6.0
M54HC125
Rad-hard quad bus buffer 3-state
Y
9401/039
Flat-14
2.0
6.0
Inverted
enables
M54HC132
Rad-hard quad 2-input Schmitt
NAND gate
Y
9201/120
Flat-14 -
DIL-14
2.0
6.0
M54HC137
Rad-hard 3-to-8 line decoder latch
inverter
-
9205/013
Flat-16 -
DIL-16
2.0
6.0
Table 1.
Device summary (continued)
Part number
Description
Radiation
level
Agency
qualification
EPPL
ESCC
specification
Package
Vcc
Vin
range
Other
features
Temp.
range
Min Max


Similar Part No. - M54HC148

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
227Kb / 10P
   RAD-HARD 8 TO 3 LINE PRIORITY ENCODER
M54HC148D STMICROELECTRONICS-M54HC148D Datasheet
227Kb / 10P
   RAD-HARD 8 TO 3 LINE PRIORITY ENCODER
M54HC148D1 STMICROELECTRONICS-M54HC148D1 Datasheet
227Kb / 10P
   RAD-HARD 8 TO 3 LINE PRIORITY ENCODER
M54HC148F1R STMICROELECTRONICS-M54HC148F1R Datasheet
252Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
More results

Similar Description - M54HC148

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
RH-54AC STMICROELECTRONICS-RH-54AC Datasheet
134Kb / 12P
   Advanced Rad-Hardened high speed CMOS 5V logic series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com