Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC4028BK Datasheet(PDF) 11 Page - STMicroelectronics

Part # HCC4028BK
Description  Rad-hard high voltage CMOS logic series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4028BK Datasheet(HTML) 11 Page - STMicroelectronics

Back Button HCC4028BK Datasheet HTML 7Page - STMicroelectronics HCC4028BK Datasheet HTML 8Page - STMicroelectronics HCC4028BK Datasheet HTML 9Page - STMicroelectronics HCC4028BK Datasheet HTML 10Page - STMicroelectronics HCC4028BK Datasheet HTML 11Page - STMicroelectronics HCC4028BK Datasheet HTML 12Page - STMicroelectronics HCC4028BK Datasheet HTML 13Page - STMicroelectronics HCC4028BK Datasheet HTML 14Page - STMicroelectronics HCC4028BK Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
HCC4xxx
Package mechanical data
Doc ID 17102 Rev 3
11/24
Figure 3.
Ceramic DIL-14 mechanical drawings
Note:
The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the
package. Connecting unused pins or metal lid to ground or to the power supply will not affect
the electrical characteristics.
Table 5.
Ceramic DIL-14 mechanical data
Dim.
Mm.
Min.
Typ
Max.
A
2.1
2.54
a1
3.00
3.70
a2
0.63
0.88
1.14
B
1.82
2.03
2.39
b
0.40
0.45
0.50
b1
0.20
0.254
0.30
D
18.79
19.00
19.20
E
7.36
7.62
7.87
e
2.54
e1
15.11
15.24
15.37
e2
7.62
7.87
8.12
F
7.11
7.75
I
3.70
K
10.90
12.1 n
L
1.14
1.27
1.5
0016173H


Similar Part No. - HCC4028BK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4028BK1 STMICROELECTRONICS-HCC4028BK1 Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4028BKG STMICROELECTRONICS-HCC4028BKG Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4028BKT STMICROELECTRONICS-HCC4028BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
More results

Similar Description - HCC4028BK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com