Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC160 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC160
Description  Rad-hard high speed 2 to 6 V CMOS logic series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC160 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC160 Datasheet HTML 1Page - STMicroelectronics M54HC160 Datasheet HTML 2Page - STMicroelectronics M54HC160 Datasheet HTML 3Page - STMicroelectronics M54HC160 Datasheet HTML 4Page - STMicroelectronics M54HC160 Datasheet HTML 5Page - STMicroelectronics M54HC160 Datasheet HTML 6Page - STMicroelectronics M54HC160 Datasheet HTML 7Page - STMicroelectronics M54HC160 Datasheet HTML 8Page - STMicroelectronics M54HC160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
August 2011
Doc ID 17367 Rev 2
1/29
29
M54HCxxx
M54HCTxxx
Rad-hard high speed 2 to 6 V CMOS logic series
Features
2 to 6 V operating voltage
Low power DC dissipation: 1 µA max at 25°C
High speed tPD = 8 ns typ at 25°C
Symmetrical outputs characteristics
High noise immunity: 28% of min VCC
Hermetic packages
Rad-hard 50 krad (Si)
SEL immune up to 110 MeV/mg/cm²
ESCC qualified
Same die and electrical specification for
engineering and flight models
The complete specification of each type is
available from the ESCC web site:
https://escies.org using its ESCC part number.
ST guarantees full compliance of qualified
parts with these ESCC specifications
Description
The M54HCxxx and M54HCTxxx series are
composed of over 90 types of high speed CMOS
functions specifically designed to meet the
radiation requirements of the aerospace industry.
It includes a large set of gates, Flip-Flops,
Multiplexers, Counters, Bus interface and several
other functions. The radiation hardness, the single
event latch-up (SEL) immunity and the housing in
hermetic packages of all types of both series
make them ideally suited for use in the most
difficult environmental conditions.
Flat-14
Flat-16
Flat-20
DIL-14
DIL-16
DIL-20
Flat-24
DIL-24
The upper metallic lid is not electrically connected to any
pins, nor to the IC die inside the package.
www.st.com


Similar Part No. - M54HC160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC160 STMICROELECTRONICS-M54HC160 Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC160 STMICROELECTRONICS-M54HC160 Datasheet
663Kb / 12P
   RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC160B1R STMICROELECTRONICS-M54HC160B1R Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC160C1R STMICROELECTRONICS-M54HC160C1R Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC160D STMICROELECTRONICS-M54HC160D Datasheet
663Kb / 12P
   RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results

Similar Description - M54HC160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
RH-54AC STMICROELECTRONICS-RH-54AC Datasheet
134Kb / 12P
   Advanced Rad-Hardened high speed CMOS 5V logic series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com