Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ18823MTD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACTQ18823MTD
Description  18-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ18823MTD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACTQ18823MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ18823MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ18823MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ18823MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ18823MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ18823MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ18823MTD Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ18823MTD Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ18823MTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 9: Voltage Range 5.0 is 5.0V
± 0.5V.
AC Operating Requirements
Note 10: Voltage Range 5.0 is 5.0V
± 0.5V.
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 9)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
5.0
100
90
MHz
Frequency
tPHL
Propagation Delay
5.0
2.0
9.0
2.0
9.5
ns
tPLH
CPn to On
2.0
9.0
2.0
9.5
tPHL
Propagation Delay
5.0
2.0
9.0
2.0
9.5
ns
CLRn to On
tPZL
Output Enable Time
5.0
2.0
9.0
2.0
10.0
ns
tPZH
2.0
9.0
2.0
10.0
tPLZ
Output Disable Time
5.0
1.5
7.0
1.5
7.5
ns
tPHZ
1.5
8.0
1.5
8.5
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 10)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
5.0
3.0
3.0
ns
Input to Clock
tH
Hold Time, HIGH or LOW,
5.0
1.5
1.5
ns
Input to Clock
tS
Setup Time, HIGH or LOW,
5.0
3.0
3.0
ns
Enable to Clock
tH
Hold Time, HIGH or LOW,
5.0
1.5
1.5
ns
Enable to Clock
tW
CPn Pulse Width,
5.0
4.0
4.0
ns
HIGH or LOW
tW
CLRn Pulse Width,
5.0
4.0
4.0
ns
HIGH or LOW
tREC
Recovery Time,
5.0
6.0
6.0
ns
CLRn to CPn


Similar Part No. - 74ACTQ18823MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ18825 FAIRCHILD-74ACTQ18825 Datasheet
78Kb / 7P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ18825MTD FAIRCHILD-74ACTQ18825MTD Datasheet
78Kb / 7P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ18825SSC FAIRCHILD-74ACTQ18825SSC Datasheet
78Kb / 7P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACTQ18823MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT18823 FAIRCHILD-74ACT18823 Datasheet
60Kb / 6P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
SCAN18374T FAIRCHILD-SCAN18374T Datasheet
99Kb / 12P
   D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374 Datasheet
94Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74AC821 FAIRCHILD-74AC821 Datasheet
79Kb / 8P
   10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374_05 Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ABT16374 FAIRCHILD-74ABT16374 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVTC16374 PERICOM-PI74ALVTC16374 Datasheet
291Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com