Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ18825SSC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACTQ18825SSC
Description  18-Bit Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ18825SSC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ18825SSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V.
Extended AC Electrical Characteristics
Note 9: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 10: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 11: 3-STATE delays are load dominated and have been excluded from the datasheet.
Note 12: The Output Disable Time is dominated by the RC network (500
Ω, 250 pF) on the output and has been excluded from the datasheet.
Note 13: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH (tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-
to-LOW (tOST).
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
5.0
2.0
5.3
8.4
2.0
9.0
ns
tPLH
Data to Output
2.0
5.6
8.7
2.0
9.2
tPZL
Output Enable
5.0
2.0
6.3
9.6
2.0
10.3
ns
tPZH
Time
2.0
6.5
9.7
2.0
10.4
tPLZ
Output Disable
5.0
1.5
4.5
7.3
1.5
7.6
ns
tPHZ
Time
1.5
5.1
8.5
1.5
8.8
Symbol
Parameter
TA = −40°C to +85°CTA = −40°C to +85°C
Units
VCC = Com
VCC = Com
CL = 50 pF
CL = 250 pF
16 Outputs Switching
(Note 9)
(Note 10)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
6.5
8.0
9.8
ns
tPHL
Data to Output
5.5
6.5
8.9
tPZH
Output Enable Time
6.1
7.6
9.2
(Note 11)
ns
tPZL
6.5
7.8
9.4
tPHZ
Output Disable Time
3.1
5.0
6.1
(Note 12)
ns
tPLZ
3.5
5.2
6.5
tOSHL
Pin to Pin Skew
1.5
ns
(Note 13)
HL Data to Output
tOSLH
Pin to Pin Skew
2.0
ns
(Note 13)
LH Data to Output
tOST
Pin to Pin Skew
2.0
ns
(Note 13)
LH/HL Data to Output
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Pin Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
95
pF
VCC = 5.0V


Similar Part No. - 74ACTQ18825SSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ18823 FAIRCHILD-74ACTQ18823 Datasheet
91Kb / 9P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ18823MTD FAIRCHILD-74ACTQ18823MTD Datasheet
91Kb / 9P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ18823SSC FAIRCHILD-74ACTQ18823SSC Datasheet
91Kb / 9P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACTQ18825SSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT18825 FAIRCHILD-74ACT18825 Datasheet
48Kb / 6P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
CY74FCT2244T TI1-CY74FCT2244T Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Texas Instruments
CY74FCT2240T TI1-CY74FCT2240T_16 Datasheet
868Kb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16541 FAIRCHILD-74FR16541 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com