Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ18825SSC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ18825SSC
Description  18-Bit Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ18825SSC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ18825SSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ18825SSC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS010955
www.fairchildsemi.com
September 1991
Revised January 2000
74ACTQ18825
18-Bit Buffer/Line Driver with 3-STATE Outputs
General Description
The ACTQ18825 contains eighteen non-inverting buffers
with 3-STATE outputs designed to be employed as a mem-
ory and address driver, clock driver, or bus oriented trans-
mitter/receiver. The device is byte controlled. Each byte
has separate 3-STATE control inputs which can be shorted
together for full 18-bit operation.
The ACTQ18825 utilizes Fairchild FACT Quiet Series
technology to guarantee quiet output switching and
improved dynamic threshold performance. FACT Quiet
Series features GTO
™ output control and undershoot cor-
rector for superior performance.
Features
s Utilizes Fairchild FACT Quiet Series technology
s Broadside pinout allows for easy board layout
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin output skew
s Separate control logic for each byte
s Extra data width for wider address/data paths or buses
carrying parity
s Outputs source/sink 24 mA
s Additional specs for Multiple Output Switching
s Output loading specs for both 50 pF and 250 pF loads
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
FACT
™, FACT Quiet Series™ and GTO™ are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ18825SSC
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300” Wide
74ACTQ18825MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OEn
Output Enable Input (Active LOW)
I0–I17
Inputs
O0–O17
Outputs


Similar Part No. - 74ACTQ18825SSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ18823 FAIRCHILD-74ACTQ18823 Datasheet
91Kb / 9P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ18823MTD FAIRCHILD-74ACTQ18823MTD Datasheet
91Kb / 9P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ18823SSC FAIRCHILD-74ACTQ18823SSC Datasheet
91Kb / 9P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACTQ18825SSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT18825 FAIRCHILD-74ACT18825 Datasheet
48Kb / 6P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
CY74FCT2244T TI1-CY74FCT2244T Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Texas Instruments
CY74FCT2240T TI1-CY74FCT2240T_16 Datasheet
868Kb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16541 FAIRCHILD-74FR16541 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com