Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC4071BK Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCC4071BK
Description  Rad-hard high voltage CMOS logic series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4071BK Datasheet(HTML) 5 Page - STMicroelectronics

  HCC4071BK Datasheet HTML 1Page - STMicroelectronics HCC4071BK Datasheet HTML 2Page - STMicroelectronics HCC4071BK Datasheet HTML 3Page - STMicroelectronics HCC4071BK Datasheet HTML 4Page - STMicroelectronics HCC4071BK Datasheet HTML 5Page - STMicroelectronics HCC4071BK Datasheet HTML 6Page - STMicroelectronics HCC4071BK Datasheet HTML 7Page - STMicroelectronics HCC4071BK Datasheet HTML 8Page - STMicroelectronics HCC4071BK Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
HCC4073B
Rad-hard triple 3-input AND gate
100 krad (Si)
ESCC
Y
9201/064
Flat-14 - DIL-14
HCC4075B
Rad-hard triple 3-input OR gate
-
9201/065
Flat-14 - DIL-14
HCC4076B
Rad-hard 4-bit D-type register
Y
9306/022
Flat-16 - DIL-16
HCC4077B
Rad-hard quad exclusive NOR gate
-
9201/055
Flat-14 - DIL-14
HCC4078B
Rad-hard 8-input NOR/OR gate
-
9201/062
Flat-14 - DIL-14
HCC4081B
Rad-hard quad 2-input AND gate
Y
9201/052
Flat-14 - DIL-14
HCC4082B
Rad-hard dual 4-input AND gate
-
9201/066
Flat-14 - DIL-14
HCC4093B
Rad-hard quad 2-input NAND Schmitt trigger
Y
9409/002
Flat-14 - DIL-14
HCC4094B
Rad-hard 8-stage shift-and-store bus register
Y
9306/026
Flat-16 - DIL-16
HCC4098B
Rad-hard dual monostable multivibrator
-
9206/002
Flat-16 - DIL-16
HCC4099B
Rad-hard 8-bit addressable latch
Y
9202/058
Flat-16 - DIL-16
HCC40103B Rad-hard presettable 8-bit binary down counter
Y
9204/036
Flat-16 - DIL-16
HCC40106B Rad-hard hex schmitt trigger
Y
9409/005
Flat-14 - DIL-14
HCC40107B Rad-hard dual 2-input NAND buffer/driver
Y
9401/013
Flat-14 - DIL-14
HCC40109B Rad-hard quad low-to-high voltage level shifter
Y
9407/003
Flat-16 - DIL-16
HCC40161B Rad-hard binary counter with asynchronous clear
Y
9204/054
Flat-16 - DIL-16
HCC40174B Rad-hard hex D Flip-Flop
Y
9203/038
Flat-16 - DIL-16
HCC40193B Rad-hard presettable 4-bit binary up-down counter
-
9204/041
Flat-16 - DIL-16
HCC4502B
Rad-hard strobed hex inverter/buffer
Y
9401/006
Flat-16 - DIL-16
HCC4503B
Rad-hard hex buffer 3-state non-inverter
Y
9401/030
Flat-16 - DIL-16
HCC4508B
Rad-hard dual 4-bit Latch 3-state outputs
Y
9202/063
Flat-24 - DIL-24
HCC4512B
Rad-hard 8-channel data selec. with 3-state output
Y
9408/006
Flat-16 - DIL-16
Table 1.
Device summary (continued)
Part number
Description
Radiation level
Agency
qualification
EPPL
ESCC specification
Package


Similar Part No. - HCC4071BK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4071BK1 STMICROELECTRONICS-HCC4071BK1 Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4071BKG STMICROELECTRONICS-HCC4071BKG Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4071BKT STMICROELECTRONICS-HCC4071BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
More results

Similar Description - HCC4071BK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com