Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ273SC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACTQ273SC
Description  Quiet Series Octal D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ273SC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ273SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ273SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 6: Voltage Range 5.0 is 5.0V
± 0.5V
Note 7: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device.
The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by
design. Not tested.
AC Operating Requirements
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
(V)
CL = 50 pF
CL = 50 pF
(Note 6)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
5.0
125
189
110
MHz
Frequency
tPLH
Propagation Delay
5.0
1.5
6.5
8.5
1.5
9.0
ns
tPHL
CP to Qn
tPHL
Propagation Delay
5.0
1.5
7.0
9.0
1.5
9.5
ns
MR to Qn
tOSHL,
Output to Output
5.0
0.5
1.0
1.0
ns
tOSLH
Skew (Note 7)
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
(V)
CL = 50 pF
CL = 50 pF
(Note 8)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
1.0
3.5
3.5
ns
Dn to CP
tH
Hold Time, HIGH or LOW
5.0
−0.5
1.5
1.5
ns
Dn to CP
tW
Clock Pulse Width
5.0
2.0
4.0
4.0
ns
HIGH or LOW
tW
MR Pulse Width
5.0
1.5
4.0
4.0
ns
HIGH or LOW
tW
Recovery Time
5.0
0.5
3.0
3.0
ns
MR to CP
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
40.0
pF
VCC = 5.0V


Similar Part No. - 74ACTQ273SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ273SJX FAIRCHILD-74ACTQ273SJX Datasheet
110Kb / 9P
   Quiet Series Octal D-Type Flip-Flop
More results

Similar Description - 74ACTQ273SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ273SJX FAIRCHILD-74ACTQ273SJX Datasheet
110Kb / 9P
   Quiet Series Octal D-Type Flip-Flop
logo
National Semiconductor ...
54ACTQ273 NSC-54ACTQ273 Datasheet
176Kb / 8P
   Quiet Series Octal D Flip-Flop
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574 Datasheet
98Kb / 10P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com