Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFS4010 Datasheet(PDF) 11 Page - International Rectifier

Part # AUIRFS4010
Description  Automotive applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFS4010 Datasheet(HTML) 11 Page - International Rectifier

Back Button AUIRFS4010 Datasheet HTML 5Page - International Rectifier AUIRFS4010 Datasheet HTML 6Page - International Rectifier AUIRFS4010 Datasheet HTML 7Page - International Rectifier AUIRFS4010 Datasheet HTML 8Page - International Rectifier AUIRFS4010 Datasheet HTML 9Page - International Rectifier AUIRFS4010 Datasheet HTML 10Page - International Rectifier AUIRFS4010 Datasheet HTML 11Page - International Rectifier AUIRFS4010 Datasheet HTML 12Page - International Rectifier AUIRFS4010 Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AUIRFS/SL4010
www.irf.com
11
D2Pak (TO-263AB) Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.


Similar Part No. - AUIRFS4010

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFS4010 INFINEON-AUIRFS4010 Datasheet
719Kb / 11P
   Advanced Process Technology
2015-10-27
logo
International Rectifier
AUIRFS4010-7P IRF-AUIRFS4010-7P Datasheet
709Kb / 12P
   HEXFETPower MOSFET
logo
Infineon Technologies A...
AUIRFS4010-7P INFINEON-AUIRFS4010-7P Datasheet
708Kb / 10P
   Ultra Low On-Resistance
2015-10-27
logo
International Rectifier
AUIRFS4010-7TRL IRF-AUIRFS4010-7TRL Datasheet
709Kb / 12P
   HEXFETPower MOSFET
AUIRFS4010-7TRR IRF-AUIRFS4010-7TRR Datasheet
709Kb / 12P
   HEXFETPower MOSFET
More results

Similar Description - AUIRFS4010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12DG256FS FREESCALE-MC9S12DG256FS Datasheet
83Kb / 2P
   Automotive applications
logo
AVX Corporation
VC0015 AVX-VC0015 Datasheet
191Kb / 1P
   Automotive Varistor for Automotive Applications
logo
Cypress Semiconductor
CY8C20236A CYPRESS-CY8C20236A Datasheet
728Kb / 29P
   Automotive CapSense짰 Applications
logo
Jauch Quartz Gmbh
SMU2 JAUCH-SMU2_12 Datasheet
116Kb / 1P
   recommended for automotive applications
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
[Old version datasheet]   Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Qualified for Automotive Applications
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com