Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ652 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACTQ652
Description  Quiet Series??Transceiver/Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ652 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACTQ652 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ652 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ652 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ652 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ652 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ652 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ652 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ652 Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ652 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: PDIP package.
Note 6: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
Note 7: Max number of data inputs (n) switching. (n
− 1) inputs switching 0V to 3V (ACTQ). Input-under-test switching: 3V to threshold (V
ILD),
0V to threshold (VIHD), f = 1 MHz.
AC Electrical Characteristics
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V.
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any separate outputs of the same device. The spec-
ification applies to any output switching in the same direction, either HIGH-to-LOW (TOSHL) or LOW-to-HIGH (TOSLH). Parameter guaranteed by design.
Capacitance
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VILD
Maximum LOW Level
5.0
1.2
0.8
V
(Note 5)(Note 7)
Dynamic Input Voltage
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
5.0
MHz
tPLH
Propagation Delay
5.0
2.0
7.0
9.5
2.0
10.0
ns
tPHL
Clock to Bus
tPLH
Propagation Delay
5.0
2.0
6.5
9.0
2.0
9.5
ns
tPHL
Bus to Bus
tPLH
Propagation Delay
5.0
2.5
6.5
10.0
2.5
10.5
ns
tPHL
SBA or SAB to A or B
tPZH
Enable Time
5.0
2.0
7.0
10.5
2.0
11.0
tPZL
OEBA to A (Note 8)
tPHZ
Disable Time
5.0
1.0
5.0
8.0
1.0
8.5
ns
tPLZ
OEBA to A (Note 8)
tPZH
Enable Time
5.0
2.0
7.0
10.5
2.0
11.0
tPZL
OEAB to B
tPHZ
Disable Time
5.0
1.0
5.0
8.0
1.0
8.5
ns
tPLZ
OEAB to B
ts(H)
Setup Time, HIGH or
5.0
3.0
3.0
ns
ts(L)
LOW, Bus to Clock
th(H)
Hold Time, HIGH or
5.0
1.5
1.5
ns
th(L)
LOW, Bus to Clock
tw(H)
Clock Pulse Width
5.0
4.0
4.0
ns
tw(L)
HIGH or LOW
tOSHL
Output to Output Skew (Note 9)
tOSLH
A to B, B to A or
5.0
0.5
1.0
1.0
ns
Clock to Output
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
54
pF
VCC = 5.0V


Similar Part No. - 74ACTQ652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ657SC FAIRCHILD-74ACTQ657SC Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
74ACTQ657SPC FAIRCHILD-74ACTQ657SPC Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results

Similar Description - 74ACTQ652

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ646 NSC-54ACTQ646 Datasheet
186Kb / 9P
   Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
54ACQ646 TI1-54ACQ646 Datasheet
231Kb / 11P
[Old version datasheet]   54ACTQ646 Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
NXP Semiconductors
74ALS651 PHILIPS-74ALS651 Datasheet
156Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
logo
NXP Semiconductors
74ALS646 PHILIPS-74ALS646 Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
logo
Advanced Micro Devices
AM79C988A AMD-AM79C988A Datasheet
184Kb / 25P
   Quad Integrated Ethernet Transceiver (QuIET??
logo
National Semiconductor ...
54ACTQ543 NSC-54ACTQ543 Datasheet
156Kb / 10P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ543 FAIRCHILD-74ACQ543 Datasheet
93Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com