Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSF5P02HD Datasheet(PDF) 7 Page - Motorola, Inc

Part # MMSF5P02HD
Description  SINGLE TMOS POWER MOSFET 8.7 AMPERES 20 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF5P02HD Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MMSF5P02HD Datasheet HTML 3Page - Motorola, Inc MMSF5P02HD Datasheet HTML 4Page - Motorola, Inc MMSF5P02HD Datasheet HTML 5Page - Motorola, Inc MMSF5P02HD Datasheet HTML 6Page - Motorola, Inc MMSF5P02HD Datasheet HTML 7Page - Motorola, Inc MMSF5P02HD Datasheet HTML 8Page - Motorola, Inc MMSF5P02HD Datasheet HTML 9Page - Motorola, Inc MMSF5P02HD Datasheet HTML 10Page - Motorola, Inc MMSF5P02HD Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MMSF5P02HD
7
Motorola TMOS Power MOSFET Transistor Device Data
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
µs
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curve (Figure
12) defines the maximum simultaneous drain–to–source vol-
tage and drain current that a transistor can handle safely
when it is forward biased. Curves are based upon maximum
peak junction temperature and a case temperature (TC) of
25
°C. Peak repetitive pulsed power limits are determined by
using the thermal response data in conjunction with the pro-
cedures discussed in AN569, “Transient Thermal Resistance
– General Data and Its Use.”
Switching between the off–state and the on–state may tra-
verse any load line provided neither rated peak current (IDM)
nor rated voltage (VDSS) is exceeded, and that the transition
time (tr, tf) does not exceed 10 µs. In addition the total power
averaged over a complete switching cycle must not exceed
(TJ(MAX) – TC)/(R
θJC).
A power MOSFET designated E–FET can be safely used
in switching circuits with unclamped inductive loads. For reli-
able operation, the stored energy from circuit inductance dis-
sipated in the transistor while in avalanche must be less than
the rated limit and must be adjusted for operating conditions
differing from those specified. Although industry practice is to
rate in terms of energy, avalanche energy capability is not a
constant. The energy rating decreases non–linearly with an
increase of peak current in avalanche and peak junction tem-
perature.
Although many E–FETs can withstand the stress of drain–
to–source avalanche at currents up to rated pulsed current
(IDM), the energy rating is specified at rated continuous cur-
rent (ID), in accordance with industry custom. The energy rat-
ing must be derated for temperature as shown in the
accompanying graph (Figure 13). Maximum energy at cur-
rents below rated continuous ID can safely be assumed to
equal the values indicated.
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
0.1
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
1.0
10
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 20 V
SINGLE PULSE
TC = 25°C
10
0.1
dc
10 ms
1.0
100
100
1 ms
TJ, STARTING JUNCTION TEMPERATURE (°C)
0
25
50
75
100
125
600
VDS = 25 V
VGS = 4.5 V
IL = 19 Apk
L = 5.5 mH
150
400
200
800
Figure 13. Maximum Avalanche Energy versus
Starting Junction Temperature
1000


Similar Part No. - MMSF5P02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSF5P02HD ONSEMI-MMSF5P02HD Datasheet
283Kb / 11P
   P-Channel Power MOSFET
August, 2006 ??Rev. 4
MMSF5P02HDR2 ONSEMI-MMSF5P02HDR2 Datasheet
283Kb / 11P
   P-Channel Power MOSFET
August, 2006 ??Rev. 4
More results

Similar Description - MMSF5P02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF3205 MOTOROLA-MMSF3205 Datasheet
106Kb / 6P
   SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
MMSF5N02HD MOTOROLA-MMSF5N02HD Datasheet
293Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMSF2P02E MOTOROLA-MMSF2P02E Datasheet
266Kb / 8P
   SINGLE TMOS POWER MOSFET 2.5 AMPERES 20 VOLTS
MMSF10N02Z MOTOROLA-MMSF10N02Z Datasheet
184Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS
MMSF3P02HD MOTOROLA-MMSF3P02HD Datasheet
302Kb / 10P
   SINGLE TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMSF4N01HD MOTOROLA-MMSF4N01HD Datasheet
285Kb / 10P
   TMOS MOSFET 5.8 AMPERES 20 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
   DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
   DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
   DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com