Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR3172EID Datasheet(PDF) 11 Page - Exar Corporation

Part # XR3172EID
Description  3.3V High Speed RS-485/RS-422 TRANSCEIVERS WITH 1/8 UNIT LOAD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR3172EID Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR3172EID Datasheet HTML 7Page - Exar Corporation XR3172EID Datasheet HTML 8Page - Exar Corporation XR3172EID Datasheet HTML 9Page - Exar Corporation XR3172EID Datasheet HTML 10Page - Exar Corporation XR3172EID Datasheet HTML 11Page - Exar Corporation XR3172EID Datasheet HTML 12Page - Exar Corporation XR3172EID Datasheet HTML 13Page - Exar Corporation XR3172EID Datasheet HTML 14Page - Exar Corporation XR3172EID Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
FIGURE 6. DRIVER PROPAGATION DELAY TEST CIRCUIT
Y
Z
D
DI
R
L
54Ω
C
L
50pF
3.3V
VOD
FIGURE 7. DRIVER PROPAGATION DELAY TIMING DIAGRAM
Vcc
0V
DI
Y
Z
VO+
V
DIFF
VY –VZ
0V
VO
Vcc/2
Vcc/2
tPLH
tF
tR
VO 1/2VO
1/2VO
tPHL
tSKEW = |tDPLH- tDPHL|
tDPLH
tDPHL
10%
90%
10%
90%
FIGURE 8. DRIVER ENABLE AND DISABLE TIME TEST CIRCUIT 1
GENERATOR
50Ω
S1
R
L = 500Ω
OUT
C
L = 50pF
D
0 or Vcc
Z
Y
DI
XR3170E-3178E
11
REV. 1.0.0
3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD


Similar Part No. - XR3172EID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR3172EID-F EXAR-XR3172EID-F Datasheet
640Kb / 24P
   3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
More results

Similar Description - XR3172EID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR3172EID-F EXAR-XR3172EID-F Datasheet
640Kb / 24P
   3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
430Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487 INTERSIL-ISL8487_06 Datasheet
453Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487 RENESAS-ISL8487 Datasheet
749Kb / 14P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com