Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR3178EID Datasheet(PDF) 4 Page - Exar Corporation

Part # XR3178EID
Description  3.3V High Speed RS-485/RS-422 TRANSCEIVERS WITH 1/8 UNIT LOAD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR3178EID Datasheet(HTML) 4 Page - Exar Corporation

  XR3178EID Datasheet HTML 1Page - Exar Corporation XR3178EID Datasheet HTML 2Page - Exar Corporation XR3178EID Datasheet HTML 3Page - Exar Corporation XR3178EID Datasheet HTML 4Page - Exar Corporation XR3178EID Datasheet HTML 5Page - Exar Corporation XR3178EID Datasheet HTML 6Page - Exar Corporation XR3178EID Datasheet HTML 7Page - Exar Corporation XR3178EID Datasheet HTML 8Page - Exar Corporation XR3178EID Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections to the
specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability and cause permanent
damage to the device.
VCC
+6.0V
Input Voltage at control pins (RE, DE and DI)
-0.3V to (VCC + 0.3V)
Driver Output Voltage (A, B, Y and Z)
-8V to +13V
Receiver Output Voltage (RO)
-0.3V to (VCC + 0.3V)
Receiver Input Voltage (A and B)
-8V to +13V
Storage Temperature Range
-65°C to + 150°C
Lead Temperature (soldering, 10s)
+300°C
Package Power Dissipation
Maximum Junction Temperature 150°C
8-Pin SO
θ
JA = 128.4°C/W
14-Pin SO
θ
JA = 86°C/W
XR3170E-3178E
4
3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
REV. 1.0.0
CAUTION:
ESD (Electrostatic Discharge) sensitive device. Permanent damage may occur on unconnected devices subject to high energy electrostatic fields. Unused
devices must be stored in conductive foam or shunts. Personnel should be properly grounded prior to handling this device. The protective foam should be
discharged to the destination socket before devices are removed.
ELECTRICAL CHARACTERISTICS
UNLESS OTHERWISE NOTED: VCC = +3.0V TO +3.6V WITH TA FROM -40
OC TO +85OC. TYPICAL VALUES ARE AT
VCC = +3.3V AND 25
OC.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DRIVER DC CHARACTERISTICS
VOD
Differential Driver Output
Vcc
V
No Load
2.0
2.65
RL = 100Ω (RS-422), Figure 3
1.7
2.35
RL = 54Ω (RS-485), Figure 3
1.7
2.35
VCM = -7V, Figure 4
1.7
2.35
VCM = +12V, Figure 4
∆V
OD
Change in Magnitude of Differential
Output
-0.20
0.20
V
RL = 100Ω (RS-422), Figure 3,
See Note 1
-0.20
0.20
RL = 54Ω (RS-485), Figure 3,
See Note 1
-0.20
0.20
VCM = -7V, Figure 4, See
Note 1
-0.20
0.20
VCM = +12V, Figure 4, See Note
1
VOC
Driver Common Mode Output
Voltage steady state
3.0
V
Figure 3


Similar Part No. - XR3178EID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR3178E EXAR-XR3178E Datasheet
177Kb / 6P
   ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
More results

Similar Description - XR3178EID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR3172EID-F EXAR-XR3172EID-F Datasheet
640Kb / 24P
   3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
430Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487 INTERSIL-ISL8487_06 Datasheet
453Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487 RENESAS-ISL8487 Datasheet
749Kb / 14P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com