Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6012LTH1LED Datasheet(PDF) 2 Page - Littelfuse

Part # Q6012LTH1LED
Description  Q6012LTH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6012LTH1LED Datasheet(HTML) 2 Page - Littelfuse

  Q6012LTH1LED Datasheet HTML 1Page - Littelfuse Q6012LTH1LED Datasheet HTML 2Page - Littelfuse Q6012LTH1LED Datasheet HTML 3Page - Littelfuse Q6012LTH1LED Datasheet HTML 4Page - Littelfuse Q6012LTH1LED Datasheet HTML 5Page - Littelfuse Q6012LTH1LED Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Revised: January 25, 2013 08:34 AM
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
12 Amp Alternistor Quadrac for LED dimmer applications
Q6012LTH1LED Series
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS forward current
Tc = 90°C
12
A
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
110
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
120
I2t
I2t value for fusing
t
p = 8.3ms
60
A2s
di/dt
Critical rate-of-rise of on-state current
f = 60Hz; T
J =110°C
70
A/µs
I
GM
Peak gate current
T
J = 110°C
1.5
A
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 110
°C
Electrical Characteristics (T
J = 25°C, unless otherwise specified) – Alternistor Quadrac
Symbol
Test Conditions
Value
Unit
I
H
I
T = 20mA (initial)
MAX.
8
mA
dv/dt
V
D = VDRM; gate open; TJ=110°C
MIN.
45
V/μs
dv/dt(c)
di/dt(c) = 0.54 x I
T(rms) / ms; TJ = 110°C
MIN.
2
V/μs
t
gt
(note 1)
TYP.
3
μs
(1) Reference test circuit in figure 7 and waveform in figure 8; C
T = 0.1μF with 0.1μs rise time.
Trigger DIAC Specifications
Symbol
Test Conditions
Value
Unit
ΔV
BO
Breakover Voltage Symmetry
MAX.
3
V
V
BO
Breakover Voltage, forward and reverse
MIN.
33
V
MAX.
43
[ΔV±]
Dynamic Breakback Voltage, forward and reverse (note 1)
MIN.
5
V
I
BO
Peak Breakover Current
MAX.
25
uA
C
T
Trigger Firing Capacitance
MAX.
0.1
µF
(1) Reference test circuit in figure 7 and waveform in figure 8.
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
T = 1.41 x IT(rms) A; tp = 380μs
MAX.
1.6
V
I
DRM / IRRM
V
DRM / VRRM
T
J = 25°C
MAX.
10
µA
T
J = 110°C
1000
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
2.3
°C/W
R
θ(J-A)
Junction to ambient
50
°C/W


Similar Part No. - Q6012LTH1LED

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6012LH1LED LITTELFUSE-Q6012LH1LED Datasheet
670Kb / 6P
   Q6012LH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
Q6012LH2 LITTELFUSE-Q6012LH2 Datasheet
923Kb / 8P
   RoHS Compliant, Solid-state switching eliminates arcing or contact bounce that create voltage transients
logo
Teccor Electronics
Q6012LH5 TECCOR-Q6012LH5 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
Littelfuse
Q6012LH5 LITTELFUSE-Q6012LH5 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q6012LH5 ETC2-Q6012LH5 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

Similar Description - Q6012LTH1LED

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6008LH1LED LITTELFUSE-Q6008LH1LED Datasheet
678Kb / 6P
   Q6008LH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
Q6008LTH1LED LITTELFUSE-Q6008LTH1LED Datasheet
629Kb / 6P
   Q6008LTH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
Q6012LH1LED LITTELFUSE-Q6012LH1LED Datasheet
670Kb / 6P
   Q6012LH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
logo
ADTech
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
   specifically designed for LED lighting and decorative LED lighting applications
logo
List of Unclassifed Man...
BA15S ETC2-BA15S Datasheet
423Kb / 1P
   Designed as a direct replacement in low voltage landscape lighting applications
logo
Tyco Electronics
T75S1D112-05 MACOM-T75S1D112-05 Datasheet
89Kb / 2P
   Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
T77S1D10-24 MACOM-T77S1D10-24 Datasheet
89Kb / 2P
   Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
logo
JMK Inc.
KK-1900-30 JMK-KK-1900-30 Datasheet
47Kb / 1P
   This filter is designed to operate in power disdribution units or in systems designed to meet FCC or IEC requirements.
logo
Bothhand USA, LP.
24STS05-LF BOTHHAND-24STS05-LF Datasheet
157Kb / 2P
   Designed to meet IEEE802.3u requirement
logo
JMK Inc.
MM-1244 JMK-MM-1244 Datasheet
43Kb / 1P
   The filter is designed to operate in high current applications of 48 Vdc telecommunication systems.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com