Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD0101 Datasheet(PDF) 7 Page - Supertex, Inc

Part # MD0101
Description  High Voltage Protection T/R Switch with Clamp Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0101 Datasheet(HTML) 7 Page - Supertex, Inc

  MD0101 Datasheet HTML 1Page - Supertex, Inc MD0101 Datasheet HTML 2Page - Supertex, Inc MD0101 Datasheet HTML 3Page - Supertex, Inc MD0101 Datasheet HTML 4Page - Supertex, Inc MD0101 Datasheet HTML 5Page - Supertex, Inc MD0101 Datasheet HTML 6Page - Supertex, Inc MD0101 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2011 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
7
MD0101
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-MD0101
B080211
18-Lead DFN Package Outline (K6)
5.00x5.00mm body, 1.00mm height (max), 0.50mm pitch
Symbol
A
A1
A3
b
D
D2
E
E2
e
L
L1
θ
Dimension
(mm)
MIN
0.80
0.00
0.20
REF
0.18
4.85*
4.20
4.85*
3.50
0.50
BSC
0.30
0.00*
0O
NOM
0.90
0.02
0.25
5.00
4.35
5.00
3.65
0.40
-
-
MAX
1.00
0.05
0.30
5.15*
4.45
5.15*
3.75
0.50
0.15
14O
JEDEC Registration MO-229, Variation VJJD-2, Issue C, Aug 2003.
* This dimension is not specified in the JEDEC drawing.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc. #: DSPD-18DFNK65X5P050, Version A013111.
Notes:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.
2.
Depending on the method of manufacturing, a maximum of 0.15mm pullback (L1) may be present.
3.
The inner tip of the lead may be either rounded or square.
Seating
Plane
Top View
Side View
Bottom View
A
A1
D
E
D2
e
b
E2
A3
L
L1
View B
View B
1
Note 3
Note 2
Note 1
(Index Area
D/2 x E/2)
Note 1
(Index Area
D/2 x E/2)
1
θ


Similar Part No. - MD0101

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD0100 SUTEX-MD0100 Datasheet
1Mb / 9P
   High Voltage Protection T/R Switch
MD0100DK6-G SUTEX-MD0100DK6-G Datasheet
1Mb / 9P
   High Voltage Protection T/R Switch
MD0100N8-G SUTEX-MD0100N8-G Datasheet
1Mb / 9P
   High Voltage Protection T/R Switch
MD0105 SUTEX-MD0105 Datasheet
674Kb / 5P
   Four-Channel High Voltage Protection T/R Switch
MD0105 SUTEX-MD0105 Datasheet
659Kb / 5P
   Four-Channel High Voltage Protection T/R Switch
More results

Similar Description - MD0101

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD0100N8-G SUTEX-MD0100N8-G Datasheet
1Mb / 9P
   High Voltage Protection T/R Switch
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
   Four-Channel High Voltage Protection T/R Switch
MD0105 SUTEX-MD0105 Datasheet
674Kb / 5P
   Four-Channel High Voltage Protection T/R Switch
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
   T/R - Switch / LNA Assembly
CSA09247 DAICO-CSA09247 Datasheet
35Kb / 1P
   Combination T/R - Switch / LNA
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
   Combination T/R - Switch / LNA
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808 Datasheet
1Mb / 31P
   Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
Rev 0; 9/12
MAX14808 MAXIM-MAX14808_V01 Datasheet
728Kb / 31P
   Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ Datasheet
58Kb / 4P
   5.0 - 6.0 SPDT T/R Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com