Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD0105 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD0105
Description  Four-Channel High Voltage Protection T/R Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0105 Datasheet(HTML) 2 Page - Supertex, Inc

  MD0105 Datasheet HTML 1Page - Supertex, Inc MD0105 Datasheet HTML 2Page - Supertex, Inc MD0105 Datasheet HTML 3Page - Supertex, Inc MD0105 Datasheet HTML 4Page - Supertex, Inc MD0105 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MD0105
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Absolute Maximum Ratings1
-G indicates package is RoHS compliant (‘Green’)
Ordering Information
Device
Package Option
18-Lead DFN
5.00x5.00mm body
1.00mm height (max)
0.50mm pitch
MD0105
MD0105K6-G
Pin Configurations
Product Marking
18-Lead DFN (K6)
(top view)
(Pads are at bottom of device)
Package may or may not include the following marks: Si or
18-Lead DFN (K6)
Parameter
Value
V
A - VB, Differential voltage drop
0 to ±140V
Maximum junction temperature
+125°C
Storage temperature range
-65°C to 150°C
Power dissipation, 18-Lead DFN2
1.6W
Notes:
1. Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level may
affect device reliability. All voltages are referenced to device ground.
2. Mounted on FR4 board, 25mm x 25mm x 1.57mm
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
NC
B1
NC
B2
NC
B3
NC
B4
NC
NC
A1
NC
A2
NC
A3
NC
A4
NC
MD0105
LLLLLL
YYW W
AAACCC
L = Lot Number
YY = Last Digit of Year Sealed
WW = Code for Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
Electrical Characteristics
(T
J = 25ºC, unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units Conditions
BV
A-B
Breakdown voltage from A to B or B to A
±130
-
-
V
I
A-B = ±1.0mA
R
SW
Switch ON resistance from A to B or B to A
-
15
-
Ω
I
A-B = ±5.0mA
V
TRIP
V
A-B trip point to turn off
-
±1.0
±2.0
V
---
V
OFF
Switch turn off voltage
-
±2.0
-
V
I
A-B = ±1.0mA
I
A-B(OFF)
Switch off current
-
±200
±300
µA
V
A-B = ±130V
I
PEAK
Peak switching current
-
±60
-
mA
---
T
OFF
Turn off time
-
-
20
ns
---
T
ON
Turn on time
-
-
20
ns
---
C
SW(ON)
Switch ON capacitance from A to B or B to A
-
21
-
pF
SW = ON
C
SW(OFF)
Switch OFF capacitance from A to B or B to A
-
15
-
pF
V
SW = 25V
BW
Small signal bandwidth
-
100
-
MHz R
LOAD = 50Ω
T
J
Operating junction temperature
-40
-
+125
°C
---
ESD Sensitive Device
E


Similar Part No. - MD0105

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD0105 SUTEX-MD0105 Datasheet
659Kb / 5P
   Four-Channel High Voltage Protection T/R Switch
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
   Four-Channel High Voltage Protection T/R Switch
MD0105K6-GM932 SUTEX-MD0105K6-GM932 Datasheet
659Kb / 5P
   Four-Channel High Voltage Protection T/R Switch
More results

Similar Description - MD0105

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
   Four-Channel High Voltage Protection T/R Switch
MD0100N8-G SUTEX-MD0100N8-G Datasheet
1Mb / 9P
   High Voltage Protection T/R Switch
MD0101 SUTEX-MD0101 Datasheet
1Mb / 7P
   High Voltage Protection T/R Switch with Clamp Diodes
logo
Texas Instruments
TX810 TI-TX810 Datasheet
2Mb / 17P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI-TX810_1 Datasheet
2Mb / 19P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI1-TX810_14 Datasheet
3Mb / 20P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
   T/R - Switch / LNA Assembly
CSA09247 DAICO-CSA09247 Datasheet
35Kb / 1P
   Combination T/R - Switch / LNA
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
   Combination T/R - Switch / LNA
logo
Seaward Electronics Inc...
SE9205 SEAWARD-SE9205 Datasheet
180Kb / 4P
   Four-Channel ESD-Protection IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com