Part Name
         Description
74ALVC16240

 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs ( 6 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
www.fairchildsemi.com
2
Connection Diagram
Truth Tables
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial (HIGH or LOW, inputs may not float)
Z
High Impedance
Functional Description
The 74ALVC16240 contains sixteen inverting buffers with
3-STATE outputs. The device is nibble (4 bits) controlled
with each nibble functioning identically, but independent of
each other. The control pins may be shorted together to
obtain full 16-bit operation.The 3-STATE outputs are con-
trolled by an Output Enable (OEn) input. When OEn is
LOW, the outputs are in the 2-state mode. When OEn is
HIGH, the standard outputs are in the high impedance
mode but this does not interfere with entering new data into
the inputs.
Logic Diagram
Inputs
Outputs
OE1
I0–I3
O0–O3
LL
H
LH
L
HX
Z
Inputs
Outputs
OE2
I4–I7
O4–O7
LL
H
LH
L
HX
Z
Inputs
Outputs
OE3
I8–I11
O8–O11
LL
H
LH
L
HX
Z
Inputs
Outputs
OE4
I12–I15
O12–O15
LL
H
LH
L
HX
Z
1  2  3  4  5  6 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LCXZ16244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
F74ALVC16245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX16646Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXH162244Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX652Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX373Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl