Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC162601 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ALVC162601
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC162601 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ALVC162601 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC162601 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC162601 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC162601 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC162601 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC162601 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC162601 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500676
www.fairchildsemi.com
September 2001
Revised October 2001
74ALVC162601
Low Voltage 18-Bit Universal Bus Transceivers
with 3.6V Tolerant Inputs and Outputs
and 26
Ω Series Resistors in the B-Port Outputs
General Description
The 74ALVC162601, 18-bit universal bus transceiver, com-
bines D-type latches and D-type flip-flops to allow data flow
in transparent, latched, and clocked modes.
Data flow in each direction is controlled by output-enable
(OEAB and OEBA), latch-enable (LEAB and LEBA), and
clock (CLKAB and CLKBA) inputs. The clock can be con-
trolled by the clock-enable (CLKENAB and CLKENBA)
inputs. For A-to-B data flow, the device operates in the
transparent mode when LEAB is HIGH. When LEAB is
LOW, the A data is latched if CLKAB is held at a HIGH-to-
LOW logic level. If LEAB is LOW, the A bus data is stored
in the latch/flip-flop on the LOW-to-HIGH transition of
CLKAB. Output-enable OEAB is active-LOW. When OEAB
is HIGH, the outputs are in the HIGH-impedance state.
Data flow for B to A is similar to that of A to B but uses
OEBA, LEBA, CLKBA and CLKENBA.
The 74ALVC162601 is designed for low voltage (1.65V to
3.6V) VCC applications with I/O compatibility up to 3.6V.
The 74ALVC162601 is also designed with 26
Ω series
resistors in the B-Port outputs. This design reduces line
noise in applications such as memory address drivers,
clock drivers, and bus transceivers/transmitters.
Features
I 1.65V–3.6V VCC supply operation
I 3.6V tolerant inputs and outputs
I 26
Ω series resistors in B-Port outputs
I tPD (A to B)
4.3 ns max for 3.0V to 3.6V VCC
5.1 ns max for 2.3V to 2.7V VCC
9.2 ns max for 1.65V to 1.95V VCC
I Power-down high impedance inputs and outputs
I Supports live insertion/withdrawal (Note 1)
I Uses patented noise/EMI reduction circuitry
I Latchup conforms to JEDEC JED78
I ESD performance:
Human body model
> 2000V
Machine model
>200V
Note 1: To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the minimum
value of the resistor is determined by the current-sourcing capability of the
driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package
Number
Package Description
74ALVC162601T
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - 74ALVC162601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162240 FAIRCHILD-74ALVC162240 Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74ALVC162240T FAIRCHILD-74ALVC162240T Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74ALVC162244 FAIRCHILD-74ALVC162244 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
logo
ON Semiconductor
74ALVC162244 ONSEMI-74ALVC162244 Datasheet
205Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised November 2001
logo
Fairchild Semiconductor
74ALVC162244GX FAIRCHILD-74ALVC162244GX Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
More results

Similar Description - 74ALVC162601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162601 FAIRCHILD-74VCX162601_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX162601 FAIRCHILD-74VCX162601 Datasheet
62Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the B-Port Outputs
74VCXR162601 FAIRCHILD-74VCXR162601_04 Datasheet
140Kb / 9P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com