Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4462 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4462
Description  TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4462 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4462 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4462 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
TNC Female
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.282 [32.56]
Width/Dia., in [mm]
0.45 [11.43]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
TNC Female
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4462
URL: http://www.pasternack.com/tnc-female-standard-rg174-rg316-rg188-connector-pe4462-p.aspx
PE4462
PE4462 REV
TNC Female Connector Crimp/Solder
Attachment For RG174, RG316, RG188


Similar Part No. - PE4462

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4462 PASTERNACK-PE4462 Datasheet
410Kb / 3P
   TNC Female Connector Crimp/Solder Attachment
PE44620 PASTERNACK-PE44620 Datasheet
215Kb / 2P
   75 Ohm BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44622 PASTERNACK-PE44622 Datasheet
207Kb / 2P
   75 Ohm RCA Male Connector Crimp - Solder Attachment For Mini 59, PE-B159
PE44623 PASTERNACK-PE44623 Datasheet
207Kb / 2P
   75 Ohm RCA Male Connector Crimp - Solder Attachment For 1694A
PE44624 PASTERNACK-PE44624 Datasheet
207Kb / 2P
   75 Ohm RCA Male Connector Crimp-Solder Attachment For 1505A
More results

Similar Description - PE4462

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
   RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
   SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4438 PASTERNACK-PE4438 Datasheet
280Kb / 2P
   N Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
   RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4079 PASTERNACK-PE4079 Datasheet
281Kb / 3P
   BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44085 PASTERNACK-PE44085 Datasheet
205Kb / 2P
   Mini UHF Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44192 PASTERNACK-PE44192 Datasheet
217Kb / 2P
   RT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4742 PASTERNACK-PE4742 Datasheet
219Kb / 2P
   RP BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4455 PASTERNACK-PE4455 Datasheet
213Kb / 2P
   TNC Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44361 PASTERNACK-PE44361 Datasheet
308Kb / 2P
   10-32 Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com