Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88796C Datasheet(PDF) 2 Page - ASIX Electronics Corporation

Part # AX88796C
Description  Low-Power SPI or Non-PCI Ethernet Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796C Datasheet(HTML) 2 Page - ASIX Electronics Corporation

  AX88796C Datasheet HTML 1Page - ASIX Electronics Corporation AX88796C Datasheet HTML 2Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
ASIX Electronics Corporation
4F, No.8, Hsin Ann Rd.,
Hsinchu Science Park,
Hsinchu, Taiwan 30078
Released Date: 3/16/2010
TEL: +886-3-579-9500
FAX: +886-3-579-9558
http://www.asix.com.tw/
AX88796C
Low-Power SPI or Non-PCI Ethernet Controller
Address-Data Multiplex host interface with variable voltage I/O, providing a glue-less connection to
common or high-end MCUs. The AX88796C also provides an alternative SPI slave interface for MCUs with
SPI master for simplifying host interface connection. The AX88796C integrates on-chip Fast Ethernet MAC
and PHY, which is IEEE 802.3/802.3u 10BASE-T/100BASE-TX compatible, and 14KB embedded SRAM
for packet buffering to accommodate high bandwidth applications. The AX88796C offers a wide array of
features including support for advanced power management, high performance data transfer on host
interface, IPv4/IPv6 checksum offload engine, HP Auto-MDIX, and IEEE 802.3x and back-pressure flow
control. The AX88796C supports two operating temperature ranges, namely, commercial grade from 0 to 70
C and industrial grade from –40 to 85 C. The small form factor of 64-pin LQFP package helps reduce the
overall PCB space. The programming of AX88796C is simple, so the users can easily port the software
drivers to many embedded systems very quickly.
Target Applications
Netbook
Industrial Computer
Cable, Satellite and IP STB
IPTV, Digital Media Adapter
Network DVD, DVR-R, HDD
IP/Video Phone, VoIP ATA
Internet Radio
POS Terminal, Kiosk
Multi Functional Printer
RFID Reader
Time Attendance
RS232/422/485 to Ethernet
Building / Home Automation
HVAC Control
Networked Home Appliance
Security System
Biometric Access Control
Fingerprint Reader
Network Camera
Remote Surveillance
Professional DVR
Fire and Safety
Industrial Control
Remote Data Collection
Equipment
Remote Monitor
Remote Control and
Management
Environment Monitoring or
Network Sensor
Automatic Meter Reading
Networked UPS
Lighting Control
System Block Diagram


Similar Part No. - AX88796C

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88796 ASIX-AX88796 Datasheet
931Kb / 71P
   3-in-1 Local Bus Fast Ethernet Controller
AX88796BLF ASIX-AX88796BLF Datasheet
604Kb / 82P
   Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
AX88796BLI ASIX-AX88796BLI Datasheet
604Kb / 82P
   Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
AX88796L ASIX-AX88796L Datasheet
931Kb / 71P
   3-in-1 Local Bus Fast Ethernet Controller
AX88796LF ASIX-AX88796LF Datasheet
931Kb / 71P
   3-in-1 Local Bus Fast Ethernet Controller
More results

Similar Description - AX88796C

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
   NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
   Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
Micrel Semiconductor
KSZ8851-16MLLI MICREL-KSZ8851-16MLLI Datasheet
1Mb / 84P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8851-16MLLJ MICREL-KSZ8851-16MLLJ_10 Datasheet
517Kb / 90P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8851-16MLL MICREL-KSZ8851-16MLL_15 Datasheet
1Mb / 86P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
logo
List of Unclassifed Man...
VT86C926 ETC-VT86C926 Datasheet
87Kb / 24P
   AMAZON PCI ETHERNET CONTROLLER
logo
Micrel Semiconductor
KSZ8841 MICREL-KSZ8841_11 Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-16 MICREL-KSZ8841-16_08 Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
logo
List of Unclassifed Man...
VT86C100A ETC-VT86C100A Datasheet
349Kb / 32P
   PCI FAST ETHERNET CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com