Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC16835MTD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ALVC16835MTD
Description  Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16835MTD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ALVC16835MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 4)
Recommended Operating
Conditions (Note 6)
Note 4: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed, limited to 4.6V.
Note 6: Floating or unused control inputs must be held HIGH or LOW.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
−0.5V to 4.6V
Output Voltage (VO) (Note 5)
−0.5V to V
CC +0.5V
DC Input Diode Current (IIK)
VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
DC Output Source/Sink Current
(IOH/IOL)
±50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Supply
Operating
1.65V to 3.6V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
1.65 - 1.95
0.65 x VCC
V
2.3 - 2.7
1.7
2.7 - 3.6
2.0
VIL
LOW Level Input Voltage
1.65 - 1.95
0.35 x VCC
V
2.3 - 2.7
0.7
2.7 - 3.6
0.8
VOH
HIGH Level Output Voltage
IOH = −100 µA
1.65 - 3.6
VCC - 0.2
V
IOH = −4 mA
1.65
1.2
IOH = −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.7
2.7
2.2
3.0
2.4
IOH = −24 mA
3.0
2
VOL
LOW Level Output Voltage
IOL = 100 µA
1.65 - 3.6
0.2
V
IOL = 4 mA
1.65
0.45
IOL = 6 mA
2.3
0.4
IOL = 12 mA
2.3
0.7
2.7
0.4
IOL = 24 mA
3.0
0.55
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
3.6
±10
µA
ICC
Quiescent Supply Current
VI = VCC or GND, IO = 0
3.6
40
µA
∆I
CC
Increase in ICC per Input
VIH = VCC − 0.6V
3 - 3.6
750
µA


Similar Part No. - 74ALVC16835MTD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16835A PHILIPS-74ALVC16835A Datasheet
119Kb / 12P
   18-bit registered driver 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16835A NEXPERIA-74ALVC16835A Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
logo
NXP Semiconductors
74ALVC16835ADGG PHILIPS-74ALVC16835ADGG Datasheet
119Kb / 12P
   18-bit registered driver 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16835ADGG NEXPERIA-74ALVC16835ADGG Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
logo
NXP Semiconductors
74ALVC16835A PHILIPS-74ALVC16835A_15 Datasheet
123Kb / 12P
   74ALVC16835A_15
2000 Mar 14
More results

Similar Description - 74ALVC16835MTD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162835FT TOSHIBA-TC74VCX162835FT Datasheet
450Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16835 FAIRCHILD-74VCX16835 Datasheet
98Kb / 10P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16835FT TOSHIBA-TC74VCX16835FT Datasheet
445Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16500FT TOSHIBA-TC74VCX16500FT Datasheet
419Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT Datasheet
420Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16600FT TOSHIBA-TC74VCX16600FT Datasheet
422Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com