Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL801-0101A7-30AM1A2 Datasheet(PDF) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL801-0101A7-30AM1A2
Description  Applied to the LED package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL801-0101A7-30AM1A2 Datasheet(HTML) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLL801-0101A7-30AM1A2 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL801-0101A7-30AM1A2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL801-0101A7-30AM1A2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL801-0101A7-30AM1A2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL801-0101A7-30AM1A2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL801-0101A7-30AM1A2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLL801-0101A7-30AM1A2 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLL801-0101A7-30AM1A2 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLL801-0101A7-30AM1A2 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
7/13
6. Reliability
(1) Details of the tests
(2) Judgment Criteria of Failure for Reliability Test
Ta=25C
Symbol
VF
IR
φV
U defines the upper limit of the specified characteristics. S defines the initial value.
Symbol
Name
CLL801-0101A7-30AM1A2
< S×0.7
Ta=-40C 30minutes∼100C 30minuets, 100cycle
IF=30mA
Measuring Condition
Judgment Criteria for Failure
VF=5V
CITILED
IF=30mA
Luminous Flux
> U×2
Moisture-proof Test
Measuring Item
Forward Voltage
Ta=60C, 90%RH, 1000 hours
Ta=100C, 1000 hours
Reverse Current
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Ta=-40C , 1000 hours
Ta=25C, IF=30mA , 1000 hours(with Al-fin)
DATA SHEET
> U×1.2
Low Temperature Storage Test
Test Condition
Thermal Shock Test
High Temperature Storage Test
Test Item
Continuous Operation Test
Ref.CE-P2019 05/12


Similar Part No. - CLL801-0101A7-30AM1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL801-0101A7-35AM1A2 CITIZEN-CLL801-0101A7-35AM1A2 Datasheet
459Kb / 14P
   Applied to the LED package
More results

Similar Description - CLL801-0101A7-30AM1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL801-0101A7-40AM1A2 CITIZEN-CLL801-0101A7-40AM1A2 Datasheet
458Kb / 14P
   Applied to the LED package
CLL030-1206A5-273H1A7 CITIZEN-CLL030-1206A5-273H1A7 Datasheet
650Kb / 12P
   Applied to the LED package
CLL030-1208A5-273H1A7 CITIZEN-CLL030-1208A5-273H1A7 Datasheet
673Kb / 12P
   Applied to the LED package
CLL801-0101A7-27AM1A2 CITIZEN-CLL801-0101A7-27AM1A2 Datasheet
458Kb / 14P
   Applied to the LED package
CLL030-1212A5-273H1A7 CITIZEN-CLL030-1212A5-273H1A7 Datasheet
674Kb / 12P
   Applied to the LED package
CLL040-1818A5-273H1A7 CITIZEN-CLL040-1818A5-273H1A7 Datasheet
2Mb / 12P
   Applied to the LED package
CLL020-1203A5-273H1A7 CITIZEN-CLL020-1203A5-273H1A7 Datasheet
606Kb / 12P
   Applied to the LED package
CLL801-0101A7-50CM1A2 CITIZEN-CLL801-0101A7-50CM1A2 Datasheet
614Kb / 14P
   Applied to the LED package
CLL040-1218A5-273H1A7 CITIZEN-CLL040-1218A5-273H1A7 Datasheet
1Mb / 12P
   Applied to the LED package
CLL801-0101A7-35AM1A2 CITIZEN-CLL801-0101A7-35AM1A2 Datasheet
459Kb / 14P
   Applied to the LED package
CLL030-1205A5-273H1A7 CITIZEN-CLL030-1205A5-273H1A7 Datasheet
673Kb / 12P
   Applied to the LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com