Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N35S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 4N35S
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N35S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  4N35S Datasheet HTML 1Page - Fairchild Semiconductor 4N35S Datasheet HTML 2Page - Fairchild Semiconductor 4N35S Datasheet HTML 3Page - Fairchild Semiconductor 4N35S Datasheet HTML 4Page - Fairchild Semiconductor 4N35S Datasheet HTML 5Page - Fairchild Semiconductor 4N35S Datasheet HTML 6Page - Fairchild Semiconductor 4N35S Datasheet HTML 7Page - Fairchild Semiconductor 4N35S Datasheet HTML 8Page - Fairchild Semiconductor 4N35S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
6/15/05
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
Page 2 of 15
© 2005 Fairchild Semiconductor Corporation
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
-55 to +150
°C
Operating Temperature
TOPR
-55 to +100
°C
Wave solder temperature (see page 14 for reflow solder profiles)
TSOL
260 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
PD
250
mW
3.3 (non-M), 2.94 (-M)
EMITTER
DC/Average Forward Input Current
IF
100 (non-M), 60 (-M)
mA
Reverse Input Voltage
VR
6V
Forward Current - Peak (300µs, 2% Duty Cycle)
IF(pk)
3A
LED Power Dissipation @ TA = 25°C
Derate above 25°C
PD
150 (non-M), 120 (-M)
mW
2.0 (non-M), 1.41 (-M)
mW/°C
DETECTOR
Collector-Emitter Voltage
VCEO
30
V
Collector-Base Voltage
VCBO
70
V
Emitter-Collector Voltage
VECO
7V
Detector Power Dissipation @ TA = 25°C
Derate above 25°C
PD
150
mW
2.0 (non-M), 1.76 (-M)
mW/°C


Similar Part No. - 4N35S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N35S FAIRCHILD-4N35S Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Everlight Electronics C...
4N35S(TA)-V EVERLIGHT-4N35S(TA)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
4N35S(TB)-V EVERLIGHT-4N35S(TB)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
Lite-On Technology Corp...
4N35S-TA1 LITEON-4N35S-TA1 Datasheet
616Kb / 12P
   Photocoupler Product Data Sheet
logo
Everlight Electronics C...
4N35S1(TA)-V EVERLIGHT-4N35S1(TA)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results

Similar Description - 4N35S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com