Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP431B Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP431B
Description  Programmable Precision References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431B Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP431B Datasheet HTML 7Page - ON Semiconductor NCP431B Datasheet HTML 8Page - ON Semiconductor NCP431B Datasheet HTML 9Page - ON Semiconductor NCP431B Datasheet HTML 10Page - ON Semiconductor NCP431B Datasheet HTML 11Page - ON Semiconductor NCP431B Datasheet HTML 12Page - ON Semiconductor NCP431B Datasheet HTML 13Page - ON Semiconductor NCP431B Datasheet HTML 14Page - ON Semiconductor NCP431B Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCP431A, SC431A, NCP431B, NCP432B Series
http://onsemi.com
11
Figure 32. Simplified NCP431/NCP432 Device Model
NCP431/NCP432 OPEN−LOOP VOLTAGE GAIN
VERSUS FREQUENCY
Figure 33. Example 1 Circuit Open Loop Gain Plot
Example 2.
IC = 7.5 mA, RL = 2.2 kW, CL = 0.01 mF. Cathode tied to
reference input pin. An examination of the data sheet
stability boundary curve (Figure 17) shows that this value of
load capacitance and cathode current is on the boundary.
Define the transfer gain.
The DC gain is:
G + GMRGMGoRL + (2.138)(1.0M)(1.25m)(230)
+ 6389 + 76 dB
The resulting open loop Bode plot is shown in Figure 34.
The asymptotic plot may be expressed as the following
equation:
Av + 615
1 )
jf
500 kHz
1 )
jf
8.0 kHz
1 )
jf
60 kHz
1 )
jf
7.2 kHz
Note that the transfer function now has an extra pole
formed by the load capacitance and load resistance.
Note that the crossover frequency in this case is about
250 kHz, having a phase margin of about −46
°. Therefore,
instability of this circuit is likely.
NCP431/NCP432 OPEN−LOOP BODE PLOT WITH
LOAD CAP
Figure 34. Example 2 Circuit Open Loop Gain Plot
With three poles, this system is unstable. The only hope
for stabilizing this circuit is to add a zero. However, that can
only be done by adding a series resistance to the output
capacitance, which will reduce its effectiveness as a noise
filter. Therefore, practically, in reference voltage
applications, the best solution appears to be to use a smaller
value of capacitance in low noise applications or a very large
value to provide noise filtering and a dominant pole rolloff
of the system.
The NCP431/NCP432 is often used as a regulator in
secondary side of a switch mode power supply (SMPS).
The benefit of this reference is high and stable gain under
low bias currents. Figure 35 shows dependence of the gain
(dynamic impedance) on the bias current. Value of


Similar Part No. - NCP431B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431B ONSEMI-NCP431B Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
NCP431BCSNT1G ONSEMI-NCP431BCSNT1G Datasheet
408Kb / 17P
   Programmable Precision References
April, 2013 ??Rev. 5
NCP431BCSNT1G ONSEMI-NCP431BCSNT1G Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
NCP431BCSNT1G ONSEMI-NCP431BCSNT1G Datasheet
8Mb / 28P
   45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
NCP431BISNT1G ONSEMI-NCP431BISNT1G Datasheet
408Kb / 17P
   Programmable Precision References
April, 2013 ??Rev. 5
More results

Similar Description - NCP431B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com