Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP431B Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP431B
Description  Programmable Precision References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431B Datasheet(HTML) 4 Page - ON Semiconductor

  NCP431B Datasheet HTML 1Page - ON Semiconductor NCP431B Datasheet HTML 2Page - ON Semiconductor NCP431B Datasheet HTML 3Page - ON Semiconductor NCP431B Datasheet HTML 4Page - ON Semiconductor NCP431B Datasheet HTML 5Page - ON Semiconductor NCP431B Datasheet HTML 6Page - ON Semiconductor NCP431B Datasheet HTML 7Page - ON Semiconductor NCP431B Datasheet HTML 8Page - ON Semiconductor NCP431B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP431A, SC431A, NCP431B, NCP432B Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted.)
Symbol
Characteristic
NCP431BC
NCP432BC
NCP431BI
NCP432BI
NCP431BV
NCP432BV
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Vref
Reference Input Voltage
VKA = Vref, IK = 1 mA
TA = 25°C
TA = Tlow to Thigh (Note 6)
2.4875
2.4875
2.500
2.500
2.5125
2.5125
2.4875
2.4775
2.500
2.500
2.5125
2.5125
2.4875
2.4725
2.500
2.500
2.5125
2.5125
V
DVrefT
Reference Input Voltage Deviation Over Tem-
perature Range (Figure 1, Notes 7, 8)
VKA= Vref, IK = 1 mA
5.0
10
1−
10
15
15
mV
DVref
DVAK
Ratio of Change in Reference Input Voltage to
Change in Cathode to Anode Voltage
IK = 1 mA (Figure 2),
DVKA = 10 V to Vref
DVKA = 36 V to 10 V
−2.00
−1.28
−3.1
−1.9
−2.00
−1.28
−3.1
−1.9
−2.00
−1.28
−3.1
−1.9
mV/
V
Iref
Reference Input Current (Figure 2)
IK = 1 mA, R1 = 220 k, R2 = R
TA = −40°C to +125°C
81
190
81
190
81
190
nA
DIrefT
Reference Input Current Deviation Over Tem-
perature Range (Figure 2, Note 7, 8)
IK = 1 mA, R1 = 10 k, R2 = R
22
55
22
55
22
55
nA
Imin
Minimum Cathode Current For Regulation
VKA = Vref (Figure 1)
40
80
40
80
40
80
mA
Ioff
Off−State Cathode Current (Figure 3)
VKA = 36 V, Vref = 0 V
180
1000
180
1000
180
1000
nA
|ZKA|
Dynamic Impedance (Figure 1, Note 8)
VKA = Vref, DIK = 1.0 mA to 100 mA
f v 1.0 kHz
0.22
0.5
0.22
0.5
0.22
0.5
W
6. Tlow = −40°C for NCP431BI, NCP431BV, NCP432BI, NCP432BV
= 0°C for NCP431BC, NCP432BC
Thigh = 70°C for NCP431BC, NCP432BC
= 85°C for NCP431BI, NCP432BI
= 125°C for NCP431BV, NCP432BV
7. Guaranteed by design
8. The deviation parameter DVrefT is defined as the difference between the maximum and minimum values obtained over the full operating
ambient temperature range that applies.
The average temperature coefficient of the reference input voltage, Vref is defined as:
Vref
ppm
° C
+
DVref
Vref@25°C
106
DTA
+
DVref 106
DTA Vref@25° C
aVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature.
Example: DVrefT = 17 mV and slope is positive
Vref = 2.5 V, DTA = 165°C (from −40°C to +125°C)
aVref +
0.017 @ 106
165 @ 2.5
+ 41.2 ppm ° C
9. The dynamic impedance ZKA is defined as: (|ZKA| = (DVKA/DIK). When the device is programmed with two external resistors, R1 and R2,
the total dynamic impedance of the circuit is defined as: |ZKA’| [ |ZKA| (1 + (R1/R2))


Similar Part No. - NCP431B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431B ONSEMI-NCP431B Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
NCP431BCSNT1G ONSEMI-NCP431BCSNT1G Datasheet
408Kb / 17P
   Programmable Precision References
April, 2013 ??Rev. 5
NCP431BCSNT1G ONSEMI-NCP431BCSNT1G Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
NCP431BCSNT1G ONSEMI-NCP431BCSNT1G Datasheet
8Mb / 28P
   45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
NCP431BISNT1G ONSEMI-NCP431BISNT1G Datasheet
408Kb / 17P
   Programmable Precision References
April, 2013 ??Rev. 5
More results

Similar Description - NCP431B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com