Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY2N60FT Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # HY2N60FT
Description  600V / 2.0A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HY2N60FT Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  HY2N60FT Datasheet HTML 1Page - HY ELECTRONIC CORP. HY2N60FT Datasheet HTML 2Page - HY ELECTRONIC CORP. HY2N60FT Datasheet HTML 3Page - HY ELECTRONIC CORP. HY2N60FT Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HY2N60T / HY2N60FT
Typical Characteristics Curves ( T
C=25℃
℃, unless otherwise noted)
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (oC)
I
D = 250µA
10
V
GS = 0V
0.5
0.9
1.3
1.7
2.1
2.5
-50
-25
0
25
50
75
100
125
150
T
J - Junction Temperature (
oC)
V
GS =10 V
I
D =1.0A
Fig.7 On-Resistance
vs Junction Temperature
Fig.8 Breakdown Voltage
vs Junction Temperature
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD - Source-to-Drain Voltage (V)
T
J = 125
oC
25oC
-55oC
Fig.9 Body Diode
Forward Voltage Characteristic
REV 1.0 : AUG. 2011
PAGE. 4


Similar Part No. - HY2N60FT

ManufacturerPart #DatasheetDescription
logo
HUAYI MICROELECTRONICS ...
HY2N7002E HUAYI-HY2N7002E Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - HY2N60FT

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY2N60D HY-HY2N60D Datasheet
189Kb / 4P
   600V / 2.0A N-Channel Enhancement Mode MOSFET
logo
KIA Semiconductor Techn...
2N60H KIA-2N60H Datasheet
344Kb / 6P
   2.0A, 600V N-CHANNEL MOSFET
logo
Pan Jit International I...
PJP8N60 PANJIT-PJP8N60 Datasheet
181Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP7N60 PANJIT-PJP7N60 Datasheet
224Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP10N60 PANJIT-PJP10N60 Datasheet
190Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJU1N60 PANJIT-PJU1N60 Datasheet
239Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJN1N60D PANJIT-PJN1N60D Datasheet
203Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG4N60SK3 DIODES-DMG4N60SK3 Datasheet
565Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN60H3D5SK3 DIODES-DMN60H3D5SK3 Datasheet
548Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP2N60 PANJIT-PJP2N60 Datasheet
212Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com