Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY2N65M Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # HY2N65M
Description  650V / 2A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HY2N65M Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  HY2N65M Datasheet HTML 1Page - HY ELECTRONIC CORP. HY2N65M Datasheet HTML 2Page - HY ELECTRONIC CORP. HY2N65M Datasheet HTML 3Page - HY ELECTRONIC CORP. HY2N65M Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HY2N65D / HY2N65M
Typical Characteristics Curves ( T
C=25℃, unless otherwise noted)
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
T
J - Junction Temperature (
oC)
I
D = 250mA
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD - Source-to-Drain Voltage (V)
T
J = 125
oC
25oC
V
GS = 0V
-55oC
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
T
J - Junction Temperature (
oC)
V
GS =10 V
I
D =1.0A
Fig.7 On-Resistance vs Junction Temperature
Fig.8 Breakdown Voltage vs Junction Temperature
Fig.9 Body Diode Forward Voltage Characteristic
PAGE.4
REV 1.0, 20-Sept-2012


Similar Part No. - HY2N65M

ManufacturerPart #DatasheetDescription
logo
HUAYI MICROELECTRONICS ...
HY2N7002E HUAYI-HY2N7002E Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - HY2N65M

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
   650V / 2A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
I2N65 WXDH-I2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
2N65 WXDH-2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
E2N65 WXDH-E2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
F2N65 WXDH-F2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
B2N65 WXDH-B2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
logo
Pan Jit International I...
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
   650V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
   650V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP7N65 PANJIT-PJP7N65 Datasheet
204Kb / 5P
   650V N-Channel Enhancement Mode MOSFET
PJP10N65 PANJIT-PJP10N65 Datasheet
244Kb / 6P
   650V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com