Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY4N65D Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HY4N65D
Description  650V / 4A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HY4N65D Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HY4N65D Datasheet HTML 1Page - HY ELECTRONIC CORP. HY4N65D Datasheet HTML 2Page - HY ELECTRONIC CORP. HY4N65D Datasheet HTML 3Page - HY ELECTRONIC CORP. HY4N65D Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
• Low On-State Resistance
• Fast Switching
• Low Gate Charge & Low C
RSS
• Fully Characterized Avalanche Voltage and Current
• Specially Desigened for AC Adapter, Battery Charger and SMPS
• In compliance with EU RoHs 2002/95/EC Directives
Mechanical Information
• Case: TO-252 / TO-251 Molded Plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
Marking & Ordering Information
TYPE
MARKING
PACKAGE
PACKING
HY4N65D
4N65D
TO-252
2500PCS/REEL
HY4N65M
4N65M
TO-251
80PCS/TUBE
Absolute Maximum Ratings (T
C=25°C unless otherwise specified )
Units
V
V
TC=25℃
A
A
TC=25℃
W
mJ
Thermal Characteristics
Units
℃/W
℃/W
COMPANY RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN、FUNCTIONS AND RELIABILITY WITHOUT NOTICE
HY4N65D
HY4N65M
Drain-Source Voltage
VDS
650
650V / 4A
N-Channel Enhancement Mode MOSFET
Parameter
Symbol
650V, RDS(ON)=2.8W@VGS=10V, ID=2A
Gate-Source Voltage
VGS
ID
4
4
Continuous Drain Current
+30
Pulsed Drain Current
1)
IDM
16
16
PD
56.8
0.46
48
0.39
Maximum Power Dissipation
Derating Factor
Avalanche Energy with Single Pulse
IAS=4A, VDD=150V, L=22.5mH
EAS
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
180
Parameter
Symbol
HY4N65D
HY4N65M
Junction-to-Case Thermal Resistance
RqJC
Note : 1. Maximum DC current limited by the package
Junction-to-Case Thermal Resistance
RqJA
HY4N65D / HY4N65M
2.2
2.6
50
110
FIG. 1
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
25
50
75
100
125
150
175
SINGLE PHASE HALF WAVE 60Hz
FIG. 2
– MAXIMUM NON-
1
2
5
10
SINGLE
1
4
10
20
100
T
0
0.2 0.4 0.6
0.0
REV 1.0, 20-Sept-2012
PAGE.1
Drain
1
Source
2
Gate
2
D
3
1
G
3
S
2
D
1
G
3
S
TO-252
TO-251


Similar Part No. - HY4N65D

ManufacturerPart #DatasheetDescription
logo
HUAYI MICROELECTRONICS ...
HY4004B HUAYI-HY4004B Datasheet
958Kb / 11P
   N-Channel Enhancement Mode MOSFET
HY4004B6 HUAYI-HY4004B6 Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
HY4004P HUAYI-HY4004P Datasheet
958Kb / 11P
   N-Channel Enhancement Mode MOSFET
logo
HYES Optoelectronics, I...
HY402XX01 HYES-HY402XX01 Datasheet
170Kb / 1P
   40 CHAR X 2 LINE
HY404XX01 HYES-HY404XX01 Datasheet
167Kb / 1P
   40 CHAR X 4 LINE
More results

Similar Description - HY4N65D

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY4N65T HY-HY4N65T Datasheet
151Kb / 4P
   650V / 4A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
D4NE65 WXDH-D4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
E4NE65 WXDH-E4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
B4NE65 WXDH-B4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
4NE65 WXDH-4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
I4NE65 WXDH-I4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
F4NE65 WXDH-F4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM04N65 AITSEMI-AM04N65 Datasheet
827Kb / 10P
   MOSFET 650V, 4A N-CHANNEL
REV1.0 - JUN 2022
logo
DONGGUAN YOU FENG WEI E...
4N65A YFWDIODE-4N65A Datasheet
1Mb / 7P
   4A 650V N-channel enhancement mode field effect transistor
logo
Pan Jit International I...
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
   650V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com