Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY4N70T Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # HY4N70T
Description  700V / 4A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HY4N70T Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  HY4N70T Datasheet HTML 1Page - HY ELECTRONIC CORP. HY4N70T Datasheet HTML 2Page - HY ELECTRONIC CORP. HY4N70T Datasheet HTML 3Page - HY ELECTRONIC CORP. HY4N70T Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Min.
Typ.
Max.
Units
BVDSS
700
-
-
V
VGS(th)
2.0
-
4.0
V
RDS(ON)
-
2.5
2.8
W
IDSS
-
-
10
uA
IGSS
-
-
+100
nA
Qg
-
14.8
18.4
Qgs
-
2.8
-
Qgd
-
3.6
-
td(on)
-
14.8
18
tr
-
36.8
46
td(off)
-
21.8
28
tf
-
18.2
26
Ciss
-
500
-
Coss
-
65
-
Crss
-
2.5
-
IS
-
-
4.0
A
ISM
-
-
16.0
A
VSD
-
-
1.4
V
trr
-
220
-
ns
Qrr
-
1.3
-
uC
NOTE : Pulse Test : Pulse Width ≦ 300us, duty cycle ≦ 2%
Reverse Recovery Time
VGS=0V、IS=4A
di/dt=100A/us
Reverse Recovery Charge
Max. Diode Forwad Voltage
-
Max. Pulsed Source Current
-
Diode Forward Voltage
IS=4A、VGS=0V
Input Capacitance
VDS=25V,VGS=0V
f=1.0MHZ
pF
Output Capacitance
Reverse Transfer Capacitance
Source-Drain Diode
Turn-On Delay Time
VDD=350V,ID=2A
VGS=10V,RG=25W
ns
Turn-On Rise Time
Turn-Off Delay Time
Turn-Off Fall Time
Gate Body Leakage Current
VGS=+30V、VDS=0V
Dynamic
Total Gate Charge
VDS=560V,ID=2A
VGS=10V
nC
Gate-Source Charge
Gate-Drain Charge
Gate Threshold Voltage
VDS=VGS、ID=250uA
Drain-Source On-State Resistance
VGS=10V、ID=2A
Zero Gate Voltage Drain Current
VDS=700V、VGS=0V
HY4N70T / HY4N70FT
Electrical Characteristics ( TC=25℃, Unless otherwise noted )
Paramter
Test Condition
Static
Drain-Source Breakdown Voltage
VGS=0V、ID=250uA
PAGE.2
REV 1.0, 24-Sept-2012


Similar Part No. - HY4N70T

ManufacturerPart #DatasheetDescription
logo
HUAYI MICROELECTRONICS ...
HY4004B HUAYI-HY4004B Datasheet
958Kb / 11P
   N-Channel Enhancement Mode MOSFET
HY4004B6 HUAYI-HY4004B6 Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
HY4004P HUAYI-HY4004P Datasheet
958Kb / 11P
   N-Channel Enhancement Mode MOSFET
logo
HYES Optoelectronics, I...
HY402XX01 HYES-HY402XX01 Datasheet
170Kb / 1P
   40 CHAR X 2 LINE
HY404XX01 HYES-HY404XX01 Datasheet
167Kb / 1P
   40 CHAR X 4 LINE
More results

Similar Description - HY4N70T

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY4N70D HY-HY4N70D Datasheet
153Kb / 4P
   700V / 4A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMJ70H600HCTI DIODES-DMJ70H600HCTI Datasheet
791Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ7N70SK3 DIODES-DMJ7N70SK3_15 Datasheet
288Kb / 6P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ7N70SK3 DIODES-DMJ7N70SK3_17 Datasheet
417Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ70H601SK3 DIODES-DMJ70H601SK3 Datasheet
339Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJF2N70 PANJIT-PJF2N70 Datasheet
295Kb / 6P
   700V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMJ70H600HCT DIODES-DMJ70H600HCT Datasheet
756Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ70H600HK3 DIODES-DMJ70H600HK3 Datasheet
612Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 3 November 2022
logo
E-CMOS Corporation
EC744N70 E-CMOS-EC744N70 Datasheet
468Kb / 5P
   700V,4A N-Channel Power MOSFET
logo
HY ELECTRONIC CORP.
HY8N70T HY-HY8N70T Datasheet
150Kb / 4P
   700V / 8A N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com