Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCF162835 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ALVCF162835
Description  Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVCF162835 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ALVCF162835 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVCF162835 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVCF162835 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVCF162835 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVCF162835 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVCF162835 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVCF162835 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500668
www.fairchildsemi.com
September 2001
Revised October 2001
74ALVCF162835
Low Voltage 18-Bit Universal Bus Driver with 3.6V
Tolerant Outputs and 26
Ω Series Resistors in Outputs
General Description
The 74ALVCF162835 low voltage 18-bit universal bus
driver combines D-type latches and D-type flip-flops to
allow data flow in transparent, latched and clocked modes.
Data flow is controlled by output-enable (OE), latch-enable
(LE), and clock (CLK) inputs. The device operates in
Transparent Mode when LE is held HIGH. The device
operates in clocked mode when LE is LOW and CLK is tog-
gled. Data transfers from the Inputs (In) to Outputs (On) on
a Positive Edge Transition of the Clock. When OE is LOW,
the output data is enabled. When OE is HIGH the output
port is in a high impedance state.
The 74ALVCF162835 is designed with 26
Ω series resistors
in the outputs. This design reduces noise in applications
such as memory address drivers, clock drivers, and bus
transceivers/transmitters.
The 74ALVCF162835 is designed for low voltage (1.65V to
3.6V) VCC applications with I/O capability up to 3.6V.
The 74ALVCF162835 is fabricated with an advanced
CMOS technology to achieve high speed operation while
maintaining low CMOS power dissipation.
Features
I Compatible with PC133 DIMM module specifications
I 1.65V-3.6V VCC specifications provided
I 3.6V tolerant outputs
I 26
Ω series resistors in outputs
I tPD (CLK to On)
3.7 ns max for 3.0V to 3.6V VCC
4.6 ns max for 2.3V to 2.7V VCC
7.4 ns max for 1.65V to 1.95V VCC
I Power-down high impedance outputs
I Latchup conforms to JEDEC JED78
I ESD performance:
Human body model
> 2000V
Machine model
>200V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package
Number
Package Description
74ALVCF162835T
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - 74ALVCF162835

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74ALVCF162835APA RENESAS-74ALVCF162835APA Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
74ALVCF162835APAG RENESAS-74ALVCF162835APAG Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
74ALVCF162835APF RENESAS-74ALVCF162835APF Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
74ALVCF162835APFG RENESAS-74ALVCF162835APFG Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
logo
Texas Instruments
74ALVCF162835GRE4 TI-74ALVCF162835GRE4 Datasheet
183Kb / 12P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCF162835

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXF162835 FAIRCHILD-74VCXF162835 Datasheet
74Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74VCXF16283_0011 FAIRCHILD-74VCXF16283_0011 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74ALVCF322835 FAIRCHILD-74ALVCF322835 Datasheet
161Kb / 8P
   Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601_04 Datasheet
140Kb / 9P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74ALVCF322835 FAIRCHILD-74ALVCF322835_04 Datasheet
163Kb / 7P
   Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26ohm Series Resistors in Outputs
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com