Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY8N65T Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # HY8N65T
Description  650V / 8A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HY8N65T Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  HY8N65T Datasheet HTML 1Page - HY ELECTRONIC CORP. HY8N65T Datasheet HTML 2Page - HY ELECTRONIC CORP. HY8N65T Datasheet HTML 3Page - HY ELECTRONIC CORP. HY8N65T Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HY8N65T / HY8N65FT
Typical Characteristics Curves ( T
C=25℃
℃, unless otherwise noted)
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (oC)
I
D = 250µA
10
V
GS = 0V
0.5
0.9
1.3
1.7
2.1
2.5
-50
-25
0
25
50
75
100
125
150
T
J - Junction Temperature (
oC)
V
GS =10 V
I
D =4.0A
Fig.7 On-Resistance
vs Junction Temperature
Fig.8 Breakdown Voltage
vs Junction Temperature
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD - Source-to-Drain Voltage (V)
T
J = 125
oC
25oC
-55oC
Fig.9 Body Diode
Forward Voltage Characteristic
REV 1.0 : AUG. 2011
PAGE. 4


Similar Part No. - HY8N65T

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
HY86-12 ALPHA-HY86-12 Datasheet
48Kb / 3P
   90 Degree Hybrid 0.82-0.90 GHz
logo
Skyworks Solutions Inc.
HY86-12 SKYWORKS-HY86-12 Datasheet
140Kb / 4P
   90-Degree Hybrid 0.82-0.90 GHz
HY86-12LF SKYWORKS-HY86-12LF Datasheet
140Kb / 4P
   90-Degree Hybrid 0.82-0.90 GHz
logo
List of Unclassifed Man...
HY860F ETC2-HY860F Datasheet
148Kb / 2P
   ABSOLUTE MAXIMUM RATINGS AT TA=25째 C
logo
HY ELECTRONIC CORP.
HY8FR060T HY-HY8FR060T Datasheet
436Kb / 3P
   Fast Recovery Epitaxial Diode
More results

Similar Description - HY8N65T

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT8N65 AOSMD-AOT8N65 Datasheet
159Kb / 6P
   650V, 8A N-Channel MOSFET
logo
DONGGUAN YOU FENG WEI E...
8N65A YFWDIODE-8N65A Datasheet
997Kb / 7P
   8A 650V N-channel enhancement mode field effect transistor
logo
Pan Jit International I...
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
   650V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
   650V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP7N65 PANJIT-PJP7N65 Datasheet
204Kb / 5P
   650V N-Channel Enhancement Mode MOSFET
PJP10N65 PANJIT-PJP10N65 Datasheet
244Kb / 6P
   650V N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
8N65 UTC-8N65 Datasheet
225Kb / 8P
   8A, 650V N-CHANNEL POWER MOSFET
logo
HY ELECTRONIC CORP.
HY8N70T HY-HY8N70T Datasheet
150Kb / 4P
   700V / 8A N-Channel Enhancement Mode MOSFET
HY10N65T HY-HY10N65T Datasheet
135Kb / 4P
   650V / 10A N-Channel Enhancement Mode MOSFET
HY12N65T HY-HY12N65T Datasheet
134Kb / 4P
   650V/ 12A N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com