Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7295ATIW-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT7295ATIW-F
Description  DS3 SONET STS1 Integrated Line Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7295ATIW-F Datasheet(HTML) 1 Page - Exar Corporation

  XRT7295ATIW-F Datasheet HTML 1Page - Exar Corporation XRT7295ATIW-F Datasheet HTML 2Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your Electronic Engineering Resource 
 
XRT7295AT DS3 SONET STS1 Integrated Line Receiver
General Description:
The XRT7295AT DS3/SONET STS-1 integrated line
receiver is a fully integrated receive interface that
terminates a bipolar DS3 (44.736Mbps) or Sonet STS-1
(51.84Mbps) signal transmitted over coaxial cable.
The device also provides the functions of receive
equalization (optional), automatic-gain control (AGC),
clock-recovery and data retiming, loss-of-signal and
loss-of-frequency-lock
detection.
The
digital
system
interface is dual-rail, with received positive and negative 1s
appearing as unipolar digital signals on separate output leads. The on-chip equalizer is designed for cable
distances of 0 to 450ft. from the cross-connect frame to the device. The receive input has a variable input
sensitivity control, providing three different sensitivity settings, to adapt longer cables. High input sensitivity
allows for significant amounts of flat loss within the system. Figure 1 shows the block diagram of the device.
The XRT7295AT device is manufactured using
linear CMOS technology. The XRT7295AT is
available in a 20-pin plastic SOJ package for
surface mounting. Two versions of the chip are
available, one is for either DS3 or STS-1
operation (the XRT7295AT, this data sheet),
and
the
other
is
forE3
operation
(the
XRT7295AE, refer to the XRT7295AE data
sheet). Both versions are pin compatible. For
either DS3 or STS-1, an input reference clock
at 44.736MHz or 51.84MHz provides the
frequency reference for the device.
Key Features:
Fully Integrated Receive Interface for DS3 and
STS-1 Rate Signals
Legal Disclaimer: The content of the pages of this website is for your general information and use only. It is subject to change without notice. From time to time, this website may
also include links to other websites. These links are provided for your convenience to provide further information. They do not signify that we endorse the website(s). We have no
responsibility for the content of the linked website(s). Your use of any information or materials on this website is entirely at your own risk, for which we shall not be liable. It shall
be your own responsibility to ensure that any products, services or information available through this website meet your specific requirements.


Similar Part No. - XRT7295ATIW-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295ATIW EXAR-XRT7295ATIW Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
More results

Similar Description - XRT7295ATIW-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295AE EXAR-XRT7295AE Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
logo
Asahi Kasei Microsystem...
AK2500B AKM-AK2500B Datasheet
78Kb / 17P
   DS3/STS-1 Analog Line Receiver
logo
Exar Corporation
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT7295E EXAR-XRT7295E Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
   DS3/STS-1, E3 Integrated Line Transmitter
logo
Applied Micro Circuits ...
CS1202 AMCC-CS1202 Datasheet
68Kb / 2P
   STS-12 ATM/DS3 SONET MAPPER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com