Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT85L61IG-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT85L61IG-F
Description  BITS (Building Integrated Timing Supply) Clock Extractor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT85L61IG-F Datasheet(HTML) 1 Page - Exar Corporation

  XRT85L61IG-F Datasheet HTML 1Page - Exar Corporation XRT85L61IG-F Datasheet HTML 2Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your Electronic Engineering Resource 
 
XRT85L61 Bits (Building Integrated Timing Supply) Clock
Extractor
General Description:
The XRT85L61 is an integrated E1, T1, 64KHz Centralized Clock
interface
for
T1
(1.544Mbps)
100,E1
(2.048Mbps)
75 or
120 applications.
The XRT85L61 extracts either 2048kHz or 1544 kHz clock signals from an
E1 (2.048 MHz), T1 (1.544Mhz) inputs respectively or 64 KHz, 8kHz or
400 Hz clock signals from the 64kHz reference clock input.
The XRT85L61 includes an on-chip crystal-less jitter attenuator with 32 bit FIFO that can either be enabled
or disabled.
Key Features:
Fully integrated single chip solution for E1,T1
or 64
kHz clock synchronization applications.
Extracts 2048 kHz, 1544 kHz clock and data
components
Extracts 64 KHz and 8 kHz, 400 Hz clock
information
Line Code Violation alarms
On-chip digital clock recovery circuit
Supports 75W and 120W (E1), 100W (T1)
applications.
Crystal-less digital jitter attenuator with 32-bit
FIFO
that can either be enabled or disabled
Receive loss of signal (RLOS) output
Meets Telcordia GR-1244-CORE Section 3.4.1 R3-
27 specification
Legal Disclaimer: The content of the pages of this website is for your general information and use only. It is subject to change without notice. From time to time, this website may
also include links to other websites. These links are provided for your convenience to provide further information. They do not signify that we endorse the website(s). We have no
responsibility for the content of the linked website(s). Your use of any information or materials on this website is entirely at your own risk, for which we shall not be liable. It shall
be your own responsibility to ensure that any products, services or information available through this website meet your specific requirements.


Similar Part No. - XRT85L61IG-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT85L61IG EXAR-XRT85L61IG Datasheet
173Kb / 16P
   BITS (BUILDING INTEGRATED TIMING SUPPLY) CLOCK EXTRACTOR
More results

Similar Description - XRT85L61IG-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT85L61 EXAR-XRT85L61 Datasheet
173Kb / 16P
   BITS (BUILDING INTEGRATED TIMING SUPPLY) CLOCK EXTRACTOR
logo
Vectron International, ...
TM-056 VECTRON-TM-056 Datasheet
370Kb / 7P
   Integrated Timing Solution
logo
NTE Electronics
NTE955M NTE-NTE955M Datasheet
28Kb / 4P
   Integrated Circuit Timing Circuit
logo
RF Monolithics, Inc
OP4013B RFM-OP4013B Datasheet
128Kb / 2P
   693.48342 MHz Optical Timing Clock
OP4015B RFM-OP4015B Datasheet
129Kb / 2P
   780.881 MHz Optical Timing Clock
OP4006B1 RFM-OP4006B1 Datasheet
58Kb / 2P
   666.51 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4006B MURATA-OP4006B Datasheet
74Kb / 2P
   666.51 MHz Optical Timing Clock
OP4010B MURATA-OP4010B Datasheet
74Kb / 2P
   663.552 MHz Optical Timing Clock
OP4013B MURATA-OP4013B Datasheet
918Kb / 3P
   693.48342 MHz Optical Timing Clock
OP4011B MURATA-OP4011B Datasheet
73Kb / 2P
   719.734 MHz Optical Timing Clock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com