Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS36U Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GS36U
Description  22.5~36WAC-DC Single Output Wall-mounted type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS36U Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS36U Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS36U Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
RIPPLE&NOISE(max.) Note.3
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.7)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
GS36U05
GS36U05-P1J
GS36U09-P1J
GS36U12-P1J
GS36U24-P1J
GS36U48-P1J
9V
GS36U09
12V
GS36U12
24V
GS36U24
48V
GS36U48
90mVp-p
90mVp-p
100mVp-p
180mVp-p
240mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
¡Ó5.0%
¡Ó5.0%
¡Ó3.0%
¡Ó2.0%
¡Ó2.0%
¡Ó1.0%
¡Ó1.0%
¡Ó1.0%
¡Ó1.0%
¡Ó1.0%
¡Ó5.0%
¡Ó5.0%
¡Ó3.0%
¡Ó2.0%
¡Ó2.0%
90~264VAC135~370VDC
47~63Hz
0.7A /100VAC
35A /115VAC
0.25mA /240VAC
UL60950-1,CSA C22.2,BSMICNS14336approved
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4242VDC
I/P-O/P:100MOhms/500VDC /25
/70%RH
¢J
692.3Khrsmin.MIL-HDBK-217F(25
)
¢J
-20~+50
(Referto"DeratingCurve")
¢J
20%~90%RHnon-condensing
-20~+85
,10~95%RH
¢J
¡Ó
¢J
¢J
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
79*54*33mm(L*W*H)
226g;60pcs/15.5kg/CARTON
CONNECTOR
PLUG
CABLE
Seepage2
Seepage2
1.All parameters are specified at 115VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 20% to 100% rated load
7.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives.
¢J
¡½ Features :
Complianceto
CNS13438classB
FCCPART 15/CISPR22classB,
OVERLOAD
OVERVOLTAGE
105~135%ratedoutputvoltage
Protectiontype:Clampbyzenerdiode
22.5~36W AC-DCSingleOutputWall-mountedtype
G S 3 6 U series
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
Universal AC input / Full range
No load power consumption<0.3W
ErP step2 compliant
NRCan compliant
Meet EISA 2007 (Energy Independence and Security Act)
2 pole USA plug
Class
power (without earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
Approvals: UL / CUL / BSMI / CB / FCC
Pass LPS
2 years warranty
¢º
1000ms,20ms,50ms/230VAC1000ms,20ms,15ms/115VACatfullload
FileName:GS36U-SPEC 2013-02-23
EMCEMISSION
4.5A
3.5A
3A
1.5A
0.75A
0~4.5A
0~3.5A
0~3A
0~1.5A
0~0.75A
22.5W
31.5W
36W
36W
36W
76.5%
81.5%
84.5%
85.5%
87.5%
110~250% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved


Similar Part No. - GS36U

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GS368 MALLORY-GS368 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Mean Well Enterprises C...
GS36E MEANWELL-GS36E Datasheet
116Kb / 2P
   22.5~36WAC-DC Single Output Wall-mounted type
More results

Similar Description - GS36U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS36E MEANWELL-GS36E Datasheet
116Kb / 2P
   22.5~36WAC-DC Single Output Wall-mounted type
GS05E-USB MEANWELL-GS05E-USB Datasheet
94Kb / 3P
   5WAC-DC Single Output Wall-mounted type
GS05U-USB MEANWELL-GS05U-USB Datasheet
155Kb / 2P
   5WAC-DC Single Output Wall-mounted type
ES25E MEANWELL-ES25E Datasheet
171Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U MEANWELL-GS25U Datasheet
99Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25E MEANWELL-GS25E_11 Datasheet
154Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS18E MEANWELL-GS18E_11 Datasheet
158Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_12 Datasheet
166Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
GS06E MEANWELL-GS06E_11 Datasheet
177Kb / 2P
   5 ~ 6WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_11 Datasheet
148Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com