Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR101AP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # XTR101AP
Description  Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTR101AP Datasheet(HTML) 10 Page - Texas Instruments

Back Button XTR101AP Datasheet HTML 6Page - Texas Instruments XTR101AP Datasheet HTML 7Page - Texas Instruments XTR101AP Datasheet HTML 8Page - Texas Instruments XTR101AP Datasheet HTML 9Page - Texas Instruments XTR101AP Datasheet HTML 10Page - Texas Instruments XTR101AP Datasheet HTML 11Page - Texas Instruments XTR101AP Datasheet HTML 12Page - Texas Instruments XTR101AP Datasheet HTML 13Page - Texas Instruments XTR101AP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
XTR101
SBOS146A − OCTOBER 1986 − REVISED AUGUST 2004
www.ti.com
10
SIGNAL SUPPRESSION AND ELEVATION
In some applications, it is desired to have suppressed zero
range (input signal elevation) or elevated zero range (input
signal suppression). This is easily accomplished with the
XTR101 by using the current sources to create the
suppression/elevation voltage. The basic concept is
shown in Figure 7 and Figure 8(a). In this example, the
sensor voltage is derived from RT (a thermistor, RTD, or
other variable resistance element) and excited by one of
the 1mA current sources. The other current source is used
to create the elevated zero range voltage. Figure 8(b), (c),
and (d) show some of the possible circuit variations. These
circuits have the desirable feature of noninteractive span
and suppression/elevation adjustments.
Note: It is not recommended to use the optional offset
voltage null (pins 1, 2, and 14) for elevation/suppression.
This trim capability is used only to null the amplifier’s input
offset voltage. In many applications the already low offset
voltage (typically 20
µV) will not need to be nulled at all.
Adjusting the offset voltage to non-zero values will disturb
the voltage drift by
±0.3µV/°C per 100µV or induced offset.
− 0+
20
15
10
5
0
Elevated
Zero
Range
Suppressed
Zero
Range
Span Adjust
e
IN (V)
Figure 7. Elevation and Suppression Graph
e
IN
e’
2
+
1mA
1mA
+
R
4
V
4
2mA
+
+
+
+
+
+
2mA
+
+
+
+
R
T
e’
2
R
T
e
IN
1mA
1mA
R
4
V
4
2mA
e’
2
R
4
V
4
e
IN
2mA
e
IN
2mA
2mA
e’
2
R
4
V
4
e
IN =(e’2 − V4)
V
4 =1mA × R4
e’
2 =1mA × RT
(a) Elevated Zero Range
e
IN =(e’2 +V4)
V
4 =1mA × R4
e’
2 =1mA × RT
(b) Suppressed Zero Range
e
IN =(e’2 − V4)
V
4 =2mA × R4
(c) Elevated Zero Range
e
IN =(e’2 +V4)
V
4 =2mA × R4
(d) Suppressed Zero Range
Figure 8. Elevation and Suppression Circuits
APPLICATION INFORMATION
The small size, low offset voltage and drift, excellent
linearity, and internal precision current sources make the
XTR101 ideal for a variety of two-wire transmitter
applications. It can be used by OEMs producing different
types of transducer transmitter modules and by data
acquisition systems manufacturers who gather transducer
data. Current-mode transmission greatly reduces noise
interference. The two-wire nature of the device allows
economical signal conditioning at the transducer. Thus the
XTR101 is, in general, very suitable for individualized and
special-purpose applications.


Similar Part No. - XTR101AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR101AP BURR-BROWN-XTR101AP Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101AP TI1-XTR101AP Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101APG4 TI1-XTR101APG4 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
More results

Similar Description - XTR101AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR101 BURR-BROWN-XTR101 Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101 TI1-XTR101_15 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com