Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR105U Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # XTR105U
Description  4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR105U Datasheet(HTML) 6 Page - Texas Instruments

Back Button XTR105U Datasheet HTML 2Page - Texas Instruments XTR105U Datasheet HTML 3Page - Texas Instruments XTR105U Datasheet HTML 4Page - Texas Instruments XTR105U Datasheet HTML 5Page - Texas Instruments XTR105U Datasheet HTML 6Page - Texas Instruments XTR105U Datasheet HTML 7Page - Texas Instruments XTR105U Datasheet HTML 8Page - Texas Instruments XTR105U Datasheet HTML 9Page - Texas Instruments XTR105U Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
SBOS061B
www.ti.com
XTR105
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C and V+ = 24V, unless otherwise noted.
Current Source Drift (ppm/
°C)
CURRENT SOURCE DRIFT
PRODUCTION DISTRIBUTION
40
35
30
25
20
15
10
5
0
0.04%
0.01%
Typical Production Distribution
of Packaged Units.
I
R1 AND IR2 Included.
Current Source Matching Drift (ppm/
°C)
CURRENT SOURCE MATCHING
DRIFT PRODUCTION DISTRIBUTION
80
70
60
50
40
30
20
10
0
0.07%
0.02%
Typical Production Distribution
of Packaged Units.
–1.0
–0.5
0
0.5
1.0
1.5
V
REG Output Current (mA)
V
REG OUTPUT VOLTAGE vs VREG OUTPUT CURRENT
2.0
5.35
5.30
5.25
5.20
5.15
5.10
5.05
5.00
125
°C
NOTE: Above 1mA,
Zero Output Degrades
–55
°C
25
°C
Temperature (°C)
REFERENCE CURRENT ERROR
vs TEMPERATURE
+0.05
0
–0.05
–0.10
–0.15
–0.20
–75
–50
–25
0
25
50
75
100
125


Similar Part No. - XTR105U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR105U BURR-BROWN-XTR105U Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105U TI1-XTR105U Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105UA BURR-BROWN-XTR105UA Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105UA TI1-XTR105UA Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UA/2K5 TI1-XTR105UA/2K5 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
More results

Similar Description - XTR105U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com