Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR110 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # XTR110
Description  PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR110 Datasheet(HTML) 2 Page - Texas Instruments

  XTR110 Datasheet HTML 1Page - Texas Instruments XTR110 Datasheet HTML 2Page - Texas Instruments XTR110 Datasheet HTML 3Page - Texas Instruments XTR110 Datasheet HTML 4Page - Texas Instruments XTR110 Datasheet HTML 5Page - Texas Instruments XTR110 Datasheet HTML 6Page - Texas Instruments XTR110 Datasheet HTML 7Page - Texas Instruments XTR110 Datasheet HTML 8Page - Texas Instruments XTR110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
XTR110
2
SBOS141C
www.ti.com
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Source Resistor
Common
V
REF In
V
IN1 (10V)
V
IN2 (5V)
Zero Adjust
Zero Adjust
Span Adjust
+V
CC
V
REF Force
Gate Drive
Source Sense
V
REF Sense
V
REF Adjust
4mA Span
16mA Span
TOP VIEW
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, +VCC ............................................................................ 40V
Input Voltage, VIN1, VIN2, VREF IN ....................................................... +VCC
See text regarding safe negative input voltage range.
Storage Temperature Range: A, B ................................ –55
°C to +125°C
K, U .................................. –40
°C to +85°C
Output Short-Circuit Duration, Gate Drive
and VREF Force ................................ Continuous to common and +VCC
Output Current Using Internal 50
Ω Resistor ................................... 40mA
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments
recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation proce-
dures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE
TEMPERATURE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
XTR110AG
DIP-16 Ceramic
JD
–40
°C to +85°C
XTR110BG
DIP-16 Ceramic
JD
–40
°C to +85°C
XTR110KP
DIP-16 Plastic
N
0
°C to +70°C
XTR110KU
SOL-16 Surface-Mount
DW
0
°C to +70°C
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)


Similar Part No. - XTR110

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR110AG BURR-BROWN-XTR110AG Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR110BG BURR-BROWN-XTR110BG Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR110KP BURR-BROWN-XTR110KP Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR110KU BURR-BROWN-XTR110KU Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
More results

Similar Description - XTR110

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com