Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR115 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # XTR115
Description  4-20mA CURRENT LOOP TRANSMITTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR115 Datasheet(HTML) 8 Page - Texas Instruments

Back Button XTR115 Datasheet HTML 4Page - Texas Instruments XTR115 Datasheet HTML 5Page - Texas Instruments XTR115 Datasheet HTML 6Page - Texas Instruments XTR115 Datasheet HTML 7Page - Texas Instruments XTR115 Datasheet HTML 8Page - Texas Instruments XTR115 Datasheet HTML 9Page - Texas Instruments XTR115 Datasheet HTML 10Page - Texas Instruments XTR115 Datasheet HTML 11Page - Texas Instruments XTR115 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
XTR115, XTR116
8
SBOS124A
www.ti.com
FIGURE 5. Stable Operation with Capacitive Load on V
REF.
I
IN
2
I
RET
3
XTR115
XTR116
+5V
Regulator
R
2
25
R
LIM
E
5
4
B
6
V+
7
R
1
2.475k
R
L
V
LOOP
A1
Voltage
Reference
V
REG
V
REF
8
1
I = 100 • I
IN
I
O
If capacitive loading must be placed on the VREF pin, one of the compensation schemes shown below must be used to ensure stable operation.
Values of capacitance must remain within the given ranges.
NOTE: (1) Required compensation components.
I
O =
100 V
IN
R
IN
+
R
ISO
(1)
10
C
LF
(2.2
µF to 22µF)
C
HF
(10pF to 0.5
µF)
+
C
LF
(1)
(2.2
µF to 22µF)
R
COMP
(1)
50
C
HF
(10pF to 0.5
µF)
OR
I
LOAD
(0-2.5mA)
I
LOAD
(0-2.5mA)


Similar Part No. - XTR115

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
XTR115U BURR-BROWN-XTR115U Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
XTR115UA BURR-BROWN-XTR115UA Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
More results

Similar Description - XTR115

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
logo
Burr-Brown (TI)
XTR112 BURR-BROWN-XTR112 Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Texas Instruments
XTR112 TI1-XTR112 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Protek Devices
420E212 PROTEC-420E212_12 Datasheet
355Kb / 5P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
logo
Murata Manufacturing Co...
EB-LP MURATA-EB-LP Datasheet
95Kb / 2P
   4-20mA Current Loop Application Board for DMS-30LCD Meters
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
   Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Protek Devices
420E212 PROTEC-420E212 Datasheet
55Kb / 3P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com