Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSM36E Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GSM36E
Description  36W AC-DC Single Output Medical Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSM36E Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GSM36E Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSM36E Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Specification
File Name:GSM36E-SPEC 2013-04-25
AMBIENT TEMPERATURE (℃)
0
-30
20
10
30
40
20
40
80
60
100
60
50
70
INPUT VOLTAGE (VAC) 60Hz
80
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
(HORIZONTAL)
Derating Curve
Static Characteristics
NAME PLATE
POWER LED
70 10mm
±
11 0.5mm
±
33
79
ID 2.1 x OD 5.5
C"+"
Ins ide
Outsi de
Plug Assignment
Standard plug: P1J
Optional lock type plug: P2S
SWITCHCRAFT S761K plug equivalent
P/N
OUTPUT
P1J
CENTER
+
UL1185 16AWG 1200±50mm for 5~9V
UL1185 16AWG 1800±50mm for 12~48V
G S M 3 6 E series
36W AC-DC Single Output Medical Type
Unit:mm


Similar Part No. - GSM36E

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM36B MEANWELL-GSM36B Datasheet
316Kb / 2P
   36W AC-DC Single Output Medical Type
GSM36U MEANWELL-GSM36U Datasheet
266Kb / 2P
   36W AC-DC Single Output Medical Type
More results

Similar Description - GSM36E

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM36U MEANWELL-GSM36U Datasheet
266Kb / 2P
   36W AC-DC Single Output Medical Type
GSM36B MEANWELL-GSM36B Datasheet
316Kb / 2P
   36W AC-DC Single Output Medical Type
GSM40A MEANWELL-GSM40A Datasheet
917Kb / 2P
   40W AC-DC Single Output Medical Type
GSM18U MEANWELL-GSM18U Datasheet
266Kb / 2P
   18W AC-DC Single Output Medical Type
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
GSM25B MEANWELL-GSM25B Datasheet
316Kb / 2P
   25W AC-DC Single Output Medical Type
GSM18B MEANWELL-GSM18B Datasheet
316Kb / 2P
   18W AC-DC Single Output Medical Type
GSM60A MEANWELL-GSM60A Datasheet
937Kb / 2P
   60WA AC-DC Single Output Medical Type
GSM40 MEANWELL-GSM40 Datasheet
248Kb / 2P
   40W AC-DC Single Output Medical Type
GSM18E MEANWELL-GSM18E Datasheet
268Kb / 2P
   18W AC-DC Single Output Medical Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com